Electronic Components Datasheet Search
  English  ▼

X  

NX8563 Datasheet(PDF) 1 Page - California Eastern Labs

Part # NX8563
Description  NECs CW InGaAsP MQW DFB LASER DIODE MODULE FOR DWDM APPLICATIONS (10 mW MIN)
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

NX8563 Datasheet(HTML) 1 Page - California Eastern Labs

  NX8563 Datasheet HTML 1Page - California Eastern Labs NX8563 Datasheet HTML 2Page - California Eastern Labs NX8563 Datasheet HTML 3Page - California Eastern Labs NX8563 Datasheet HTML 4Page - California Eastern Labs NX8563 Datasheet HTML 5Page - California Eastern Labs NX8563 Datasheet HTML 6Page - California Eastern Labs NX8563 Datasheet HTML 7Page - California Eastern Labs  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
NEC's CW InGaAsP
MQW DFB LASER DIODE MODULE
FOR DWDM APPLICATIONS (10 mW MIN)
NX8563
SERIES
FEATURES
• OUTPUT POWER:
Pf = 10 mW MIN
• INTERNAL THERMOELECTRIC COOLER AND ISOLATOR
• HERMETICALLY SEALED 14-PIN BUTTERFLY PACKAGE
• POLARIZATION MAINTAIN FIBER PIGTAIL
• AVAILABLE FOR DWDM WAVELENGTHS BASED ON
ITU-T RECOMMENDATIONS (100 GHz GRID) REFER TO
THE ORDERING INFORMATION
NEC's NX8563 Series are a 1550 nm Multiple Quantum Well
(MQW) structured Distributed Feed-Back (DFB) laser diode
with Polarization Maintain Fiber (PMF). This device is de-
signed as Continuous Wave (CW) light source and ideal for
optical transmission systems in which external modulators are
used.
This device is available for Dense Wavelenght Division Multi-
plexing (DWDM) wave lengths based on ITU-T recommenda-
tions, enabling a wide range of applications.
DESCRIPTION
California Eastern Laboratories
Notes:
1. Available for DWDM based on ITU-T recommendations. Please refer to Ordering Information.
2. Polarization state of LD is aligned parallel to the slow axis.
PART NUMBER
NX8563 Series
SYMBOLS
PARAMETERS AND CONDITIONS
UNITS
MIN
TYP
MAX
TSET
Laser Set Temperature
°C20
35
VF
Forward Voltage, Pf = 10 mW
V
1.2
1.5
IF
Forward Current, Pf = 10 mW
mA
70
125
ITH
Threshold Current
mA
20
40
Pf
Optical Output Power from Fiber,
IF = 125 mA, TLD = TSET
mW
10
λp
Peak Emission Wavelength1, Pf = 10 mW, CW,
nm
1527.99
ITU-T1
1611.78
TLD = TSET
∆v
Spectral Line Width, Pf = 10 mW, CW, 3 dB down
MHz
1
2
SMSR
Side Mode Suppression Ratio, Pf = 10 mW, CW
dB
33
45
RIN
Relative Intensity Noise, Pf = 10 mW, 20 MHz to 3 GHz
dB/Hz
-150
ext
Polarization Extinction Ratio2, Pf = 10 mW, CW
dB
20
ELECTRO-OPTICAL CHARACTERISTICS (TLD = TSET, TC = -20 to +70°C)


Similar Part No. - NX8563

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
NX8563-AZ CEL-NX8563-AZ Datasheet
249Kb / 7P
Nec CW In GaAsP MQW DFB LASER DIODE MODULE
NX8563LA CEL-NX8563LA Datasheet
399Kb / 6P
1 550 nm InGaAsP MQW-DFB LASER DIODE MODULE 2.5 Gb/s DIRECTLY MODULATION LIGHT SOURCE FOR DWDM APPLICATIONS
NX8563LA CEL-NX8563LA Datasheet
399Kb / 6P
1 550 nm InGaAsP MQW-DFB LASER DIODE MODULE
logo
Renesas Technology Corp
NX8563LA RENESAS-NX8563LA Datasheet
288Kb / 10P
LASER DIODE
2005
logo
California Eastern Labs
NX8563LA303-CC CEL-NX8563LA303-CC Datasheet
399Kb / 6P
1 550 nm InGaAsP MQW-DFB LASER DIODE MODULE 2.5 Gb/s DIRECTLY MODULATION LIGHT SOURCE FOR DWDM APPLICATIONS
More results

Similar Description - NX8563

ManufacturerPart #DatasheetDescription
logo
NEC
NX8563LB NEC-NX8563LB Datasheet
71Kb / 8P
CW LIGHT SOURCE InGaAsP STRAINED MQW-DFB LASER DIODE MODULE FOR D-WDM APPLICATIONS
NX8503BG NEC-NX8503BG Datasheet
98Kb / 5P
NECs 1550 nm InGaAsP MQW DFB LASER DIODE
logo
California Eastern Labs
NX8560MC CEL-NX8560MC Datasheet
189Kb / 5P
NECs EA MODULATOR INTEGRATED InGaAsP MQW DFB LASER DIODE MODULE WITH DRIVER FOR 10 Gb/s APPLICATIONS
NX8562 CEL-NX8562 Datasheet
216Kb / 7P
NECs CW InGaAsP MQW DFB LASER DIODE MODULE FOR DWDM APPLICATION (20 mW MIN)
NX8562LF CEL-NX8562LF Datasheet
338Kb / 10P
1 550 nm InGaAsP MQW-DFB LASER DIODE MODULE CW LIGHT SOURCE FOR DWDM APPLICATIONS
NX8563LF CEL-NX8563LF_05 Datasheet
456Kb / 10P
1 550 nm InGaAsP MQW-DFB LASER DIODE MODULE CW LIGHT SOURCE FOR DWDM APPLICATIONS
NX8562LB CEL-NX8562LB Datasheet
255Kb / 7P
NECs CW InGaAsP MQW DFB LASER DIODE MODULE
NX8304BE CEL-NX8304BE Datasheet
106Kb / 5P
NECs 1310 nm InGaAsP MQW-DFB LASER DIODE
NX8303BG CEL-NX8303BG Datasheet
99Kb / 4P
NECs 1310 nm InGaAsP MQW-DFB LASER DIODE
NX8300BE CEL-NX8300BE Datasheet
126Kb / 5P
NECs 1310 nm InGaAsP MQW-DFB LASER DIODE
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com