Electronic Components Datasheet Search
  English  ▼

X  

DS3254 Datasheet(PDF) 22 Page - Dallas Semiconductor

Part # DS3254
Description  Single/Dual/Triple/Quad DS3/E3/STS-1 LIUs
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS3254 Datasheet(HTML) 22 Page - Dallas Semiconductor

Back Button DS3254 Datasheet HTML 18Page - Dallas Semiconductor DS3254 Datasheet HTML 19Page - Dallas Semiconductor DS3254 Datasheet HTML 20Page - Dallas Semiconductor DS3254 Datasheet HTML 21Page - Dallas Semiconductor DS3254 Datasheet HTML 22Page - Dallas Semiconductor DS3254 Datasheet HTML 23Page - Dallas Semiconductor DS3254 Datasheet HTML 24Page - Dallas Semiconductor DS3254 Datasheet HTML 25Page - Dallas Semiconductor DS3254 Datasheet HTML 26Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 71 page
background image
DS3251/DS3252/DS3253/DS3254
22 of 71
Register Name:
RCVLn
Register Description:
Receiver Code-Violation Count Register (Low Byte)
Register Address:
06h, 16h, 26h, 36h
Bit
7
6
5
4
3
2
1
0
Name
RCV[7]
RCV[6]
RCV[5]
RCV[4]
RCV[3]
RCV[2]
RCV[1]
RCV[0]
Default
0
0
0
0
0
0
0
0
Bits 7 to 0: Receiver Code-Violation Counter Register (RCV[7:0]). The full 16-bit RCV[15:0] field spans this
register and RCVHn. RCV is an unsigned integer that indicates the line-code violation counter value. RCV is
updated with the line-code violation counter value when the RCVUD control bit in the RCR register is toggled low to
high. After the RCV register is updated, the line-code violation counter is cleared. The counter operates in two
modes, depending on the setting of the ITU bit in the RCR register. See the RCR register description for details
about the ITU control bit.
Register Name:
RCVHn
Register Description:
Receiver Code-Violation Count Register (High Byte)
Register Address:
07h, 17h, 27h, 37h
Bit
7
6
5
4
3
2
1
0
Name
RCV[15]
RCV[14]
RCV[13]
RCV[12]
RCV[11]
RCV[10]
RCV[9]
RCV[8]
Default
0
0
0
0
0
0
0
0
Bits 7 to 0: Receiver Code-Violation Counter Register (RCV[15:8]). See the RCVLn register description.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com