Electronic Components Datasheet Search
  English  ▼

X  

DS3254 Datasheet(PDF) 36 Page - Dallas Semiconductor

Part # DS3254
Description  Single/Dual/Triple/Quad DS3/E3/STS-1 LIUs
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS3254 Datasheet(HTML) 36 Page - Dallas Semiconductor

Back Button DS3254 Datasheet HTML 32Page - Dallas Semiconductor DS3254 Datasheet HTML 33Page - Dallas Semiconductor DS3254 Datasheet HTML 34Page - Dallas Semiconductor DS3254 Datasheet HTML 35Page - Dallas Semiconductor DS3254 Datasheet HTML 36Page - Dallas Semiconductor DS3254 Datasheet HTML 37Page - Dallas Semiconductor DS3254 Datasheet HTML 38Page - Dallas Semiconductor DS3254 Datasheet HTML 39Page - Dallas Semiconductor DS3254 Datasheet HTML 40Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 71 page
background image
DS3251/DS3252/DS3253/DS3254
36 of 71
14. TRANSFORMERS
Table 14-A. Transformer Characteristics
PARAMETER
VALUE
Turns Ratio
1:2ct
±2%
Bandwidth 75
W
0.250MHz to 500MHz
(typ)
Primary Inductance
19
mH (min)
Leakage Inductance
0.150
mH (max)
Interwinding
Capacitance
10pF (max)
Isolation Voltage
1500VRMS (min)
Table 14-B. Recommended Transformers
MANUFACTURER
NO. OF
TRANSFORMERS
PART
TEMP RANGE
PIN-PACKAGE/
SCHEMATIC
1
PE-65968
0°C to +70°C
6 SMT
LS-1/C
1
PE-65969
0°C to +70°C
6 Thru-Hole
LC-1/C
Pulse Engineering
8
T3049
0°C to +70°C
32 SMT
YB/1
1
TG07-0206NS
0°C to +70°C
6 SMT
SMD/B
Halo Electronics
1
TD07-0206NE
0°C to +70°C
6 DIP
DIP/B
Note: Table subject to change. Industrial temperature range and multiport transformers are also available. Contact the manufacturers
for details at www.pulseeng.com and www.haloelectronics.com.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com