Electronic Components Datasheet Search
  English  ▼

X  

DS3254 Datasheet(PDF) 33 Page - Dallas Semiconductor

Part # DS3254
Description  Single/Dual/Triple/Quad DS3/E3/STS-1 LIUs
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS3254 Datasheet(HTML) 33 Page - Dallas Semiconductor

Back Button DS3254 Datasheet HTML 29Page - Dallas Semiconductor DS3254 Datasheet HTML 30Page - Dallas Semiconductor DS3254 Datasheet HTML 31Page - Dallas Semiconductor DS3254 Datasheet HTML 32Page - Dallas Semiconductor DS3254 Datasheet HTML 33Page - Dallas Semiconductor DS3254 Datasheet HTML 34Page - Dallas Semiconductor DS3254 Datasheet HTML 35Page - Dallas Semiconductor DS3254 Datasheet HTML 36Page - Dallas Semiconductor DS3254 Datasheet HTML 37Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 71 page
background image
DS3251/DS3252/DS3253/DS3254
33 of 71
Figure 10-1. Jitter Attenuation/Jitter Transfer
10
100
1k
10k
100k
1M
21.7 Hz (DS3)
16.7 Hz (E3)
25.2 Hz (STS-1)
1k
-30
-20
-10
E3 [TBR24 (1997)]
FREQUENCY (Hz)
0
DS3 [GR-499 (1995)]
CATEGORY I
DS325x TYPICAL RECEIVER
JITTER TRANSFER WITH
JITTER ATTENUATOR
DISABLED
>150k
DS325x
DS3/E3/STS-1
MINIMUM
JITTER
ATTENUATION
WITH JITTER
ATTENUATOR
ENABLED
40Hz
DS3 [GR-253 (1999)]
CATEGORY I
27Hz
STS-1 [GR-253
(1999)] CATEGORY II
40k 59.6k
DS3 [GR-499 (1999)]
CATEGORY II



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com