Electronic Components Datasheet Search
  English  ▼

X  

DS3254 Datasheet(PDF) 44 Page - Dallas Semiconductor

Part # DS3254
Description  Single/Dual/Triple/Quad DS3/E3/STS-1 LIUs
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS3254 Datasheet(HTML) 44 Page - Dallas Semiconductor

Back Button DS3254 Datasheet HTML 40Page - Dallas Semiconductor DS3254 Datasheet HTML 41Page - Dallas Semiconductor DS3254 Datasheet HTML 42Page - Dallas Semiconductor DS3254 Datasheet HTML 43Page - Dallas Semiconductor DS3254 Datasheet HTML 44Page - Dallas Semiconductor DS3254 Datasheet HTML 45Page - Dallas Semiconductor DS3254 Datasheet HTML 46Page - Dallas Semiconductor DS3254 Datasheet HTML 47Page - Dallas Semiconductor DS3254 Datasheet HTML 48Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 71 page
background image
DS3251/DS3252/DS3253/DS3254
44 of 71
17.
ELECTRICAL CHARACTERISTICS
ABSOLUTE MAXIMUM RATINGS
Voltage Range on Any Lead with Respect to VSS (except VDD)…………………………………………….-0.3V to +5.5V
Supply Voltage Range (VDD) with Respect to VSS…………………………………………………………..-0.3V to +3.63V
Ambient Operating Temperature Range……………………………………………………………………..-40°C to +85°C
Junction Operating Temperature Range……………………………………………………………………-40°C to +125°C
Storage Temperature Range………………………………………………………………………………...-55°C to +125°C
Soldering Temperature………………………………………………………….See IPC/JEDEC J-STD-020 Specification
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only,
and functional operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is
not implied. Exposure to the absolute maximum rating conditions for extended periods may affect device. Ambient operating temperature range
when device is mounted on a four-layer JEDEC test board with no airflow.
Note: The typical values listed in Tables 17-A through 17-J are not production tested.
Table 17-A. Recommended DC Operating Conditions
(TA = -40°C to +85°C)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Supply Voltage
VDD
3.135
3.3
3.465
V
Logic 1, All Other Input Pins
VIH
2.0
5.5
V
Logic 0, All Other Input Pins
VIL
-0.3
+0.8
V
Table 17-B. DC Characteristics
(VDD = 3.3V
±5%, TA = -40°C to +85°C.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
DS3251
80
120
DS3252
150
200
DS3253
220
280
Supply Current (Note 1)
IDD
DS3254
290
360
mA
DS3251
60
100
DS3252
110
160
DS3253
160
220
Supply Current, Transmitters Tri-Stated
(All
TTSn Low) (Note 2)
IDDTTS
DS3254
210
280
mA
Power-Down Current (All TPD, RPD
Control Bits High)
IDDPD
DS325x
(Note 2)
35
50
mA
Lead Capacitance
CIO
7
10
pF
Input Leakage, All Other Input Pins
IIL
(Note 3)
-50
+10
mA
Output Leakage (when High-Z)
ILO
(Note 3)
-10
+10
mA
Output Voltage (IO = -4.0mA)
VOH
2.4
VDD
V
Output Voltage (IO = +4.0mA)
VOL
0
0.4
V
Note 1:
TCLKn = STMCLK = 51.84MHz; TXPn/TXNn driving all ones into 75
W resistive loads; analog loopback enabled; all other inputs
at VDD or grounded; all other outputs open.
Note 2:
TCLKn = STMCLK = 51.84MHz; other inputs at VDD or grounded; digital outputs left open circuited.
Note 3:
0V < VIN < VDD for all other digital inputs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com