Electronic Components Datasheet Search
  English  ▼

X  

CS4270 Datasheet(PDF) 16 Page - Cirrus Logic

Part # CS4270
Description  24-Bit, 192 kHz Stereo Audio CODEC
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4270 Datasheet(HTML) 16 Page - Cirrus Logic

Back Button CS4270 Datasheet HTML 12Page - Cirrus Logic CS4270 Datasheet HTML 13Page - Cirrus Logic CS4270 Datasheet HTML 14Page - Cirrus Logic CS4270 Datasheet HTML 15Page - Cirrus Logic CS4270 Datasheet HTML 16Page - Cirrus Logic CS4270 Datasheet HTML 17Page - Cirrus Logic CS4270 Datasheet HTML 18Page - Cirrus Logic CS4270 Datasheet HTML 19Page - Cirrus Logic CS4270 Datasheet HTML 20Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 48 page
background image
16
DS686A1
CS4270
DIGITAL CHARACTERISTICS
16. Serial Port signals include: SCLK, LRCK, SDOUT, SDIN
Control Port signals include: SDA/CDOUT, SCL/CCLK, AD1/CDIN, AD0/CS, RST
SWITCHING CHARACTERISTICS - SERIAL AUDIO PORT
(Logic "0" = AGND = 0 V; Logic "1" = VD, CL = 20 pF)
Parameter (Note 16)
Symbol
Min
Typ
Max
Units
High-Level Input Voltage
Serial Port
Control Port
VIH
0.7xVD
0.7xVLC
-
-
-
-
V
V
Low-Level Input Voltage
Serial Port
Control Port
VIL
-
-
-
-
0.2xVD
0.2xVLC
V
V
High-Level Output Voltage at Io = 2 mA
Serial Port
Control Port
MUTEA, MUTEB
VOH
VD - 1.0
VLC - 1.0
VA - 1.0
-
-
-
-
-
-
V
V
V
Low-Level Output Voltage at Io = 2 mA
VOL
--
0.4
V
Input Leakage Current
Iin
-10
-
10
µA
Parameter
Symbol
Min
Typ
Max
Unit
Sample Rate
Single-Speed Mode
Double-Speed Mode
Quad-Speed Mode
Fs
Fs
Fs
4
50
100
-
-
-
54
108
216
kHz
kHz
kHz
MCLK Specifications
MCLK Frequency
Stand-Alone Mode
(
Note 17)
Control Port Mode
fmclk
fmclk
1.024
1.024
-
-
55.296
55.296
MHz
MHz
MCLK Duty Cycle
40
50
60
ns
Master Mode
LRCK Duty Cycle
-50
-
%
SCLK Period
--
s
SCLK Duty Cycle
-50
-
%
SCLK falling to LRCK edge
tslr
-10
-
10
ns
SCLK falling to SDOUT valid
tsdo
-
-
32
ns
SDIN valid to SCLK rising setup time
tsdis
16
-
-
ns
SCLK rising to SDIN hold time
tsdih
20
-
-
ns
Slave Mode
LRCK Duty Cycle
40
50
60
%
SCLK Period
(
Note 17)
Single-Speed Mode
Double-Speed Mode
Quad-Speed Mode
tsclkw
tsclkw
tsclkw
-
-
-
-
-
-
s
s
s
SCLK Duty Cycle
45
50
55
ns
SCLK falling to LRCK edge
tslr
-10
-
10
ns
1
64
()Fs
------------------
1
128
()Fs
---------------------
1
128
()Fs
---------------------
1
64
()Fs
------------------



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com