Electronic Components Datasheet Search
  English  ▼

X  

CS4270 Datasheet(PDF) 21 Page - Cirrus Logic

Part # CS4270
Description  24-Bit, 192 kHz Stereo Audio CODEC
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4270 Datasheet(HTML) 21 Page - Cirrus Logic

Back Button CS4270 Datasheet HTML 17Page - Cirrus Logic CS4270 Datasheet HTML 18Page - Cirrus Logic CS4270 Datasheet HTML 19Page - Cirrus Logic CS4270 Datasheet HTML 20Page - Cirrus Logic CS4270 Datasheet HTML 21Page - Cirrus Logic CS4270 Datasheet HTML 22Page - Cirrus Logic CS4270 Datasheet HTML 23Page - Cirrus Logic CS4270 Datasheet HTML 24Page - Cirrus Logic CS4270 Datasheet HTML 25Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 48 page
background image
DS686A1
21
CS4270
4. TYPICAL CONNECTION DIAGRAM
Figure 10. CS4270 Typical Connection Diagram
)
LJ
(I2S/
CS
/
AD0
SDA / CDIN (M1)
SCL / CCLK (M0)
AINA
AINB
RST
Power Down
and Mode
Settings
(Control Port)
AOUTA
MUTEA
AOUTB
MUTEB
Analog Conditioning
&
Mute
LRCK
SCLK
MCLK
Timing Logic
&
Clock
SDIN
)
S
(M/
SDOUT
Audio Data
Processor
DGND
FILT+
AGND
VQ
VD
VA
+3.3 V to 5 V
+3.3 V to 5 V
CS4270
2.
GND or VD
47 k
Ω
5.1
Ω
Analog Input
Network
47 µF
0.1 µF
1 µF
0.1 µF
1 µF
0.1 µF
1 µF
0.1 µF
If using separate supplies for
VA and VD, 5.1
Ω resistor not
needed. See "Grounding and
Power Supply Decoupling."
VLC
+1.8 V to 5 V
2.
1.
1.
1.
3.
3.
3.
Use pull-up resistors in Software
Mode. In Hardware Mode, use
pull-up or pull-down. See "Mode
Selection & De-Emphasis."
2 k
Ω
2 k
Ω
(see Figures 12 & 13)
(see Figures 14 & 15)
Use a 47 k
Ω pull-down to select
Master Mode or 47 k
Ω pull-up to
VD to select Slave Mode. See
"Master/Slave Mode Selection."
AD1 (MDIV2)
AD2 (MDIV1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com