Electronic Components Datasheet Search
  English  ▼

X  

CS4270 Datasheet(PDF) 2 Page - Cirrus Logic

Part # CS4270
Description  24-Bit, 192 kHz Stereo Audio CODEC
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4270 Datasheet(HTML) 2 Page - Cirrus Logic

  CS4270 Datasheet HTML 1Page - Cirrus Logic CS4270 Datasheet HTML 2Page - Cirrus Logic CS4270 Datasheet HTML 3Page - Cirrus Logic CS4270 Datasheet HTML 4Page - Cirrus Logic CS4270 Datasheet HTML 5Page - Cirrus Logic CS4270 Datasheet HTML 6Page - Cirrus Logic CS4270 Datasheet HTML 7Page - Cirrus Logic CS4270 Datasheet HTML 8Page - Cirrus Logic CS4270 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 48 page
background image
2
DS686A1
CS4270
Stand-Alone Mode Feature Set
System Features
–
Serial Audio Port Master or Slave Operation
–
Single, Double, or Quad-Speed Operation
D/A Features
–
Auto-mute on Static Samples
–
44.1 kHz 50/15
µs De-emphasis Available
–
Selectable Serial Audio Interface Formats
Left-Justified up to 24-bit
I²S up to 24-bit
A/D Features
–
High-Pass Filter
–
Selectable Serial Audio Interface Formats
Left-Justified up to 24-bit
I²S up to 24-bit
Software Mode Feature Set
System Features
–
Serial Audio Port Master or Slave Operation
–
Internal Digital Loopback Available
D/A Features
–
Selectable Auto-mute
–
44.1-kHz De-emphasis Filters
–
Configurable Muting Controls
–
Volume Control
–
Selectable Serial Audio Interface Formats
Left-Justified up to 24-bit
I²S up to 24-bit
Right Justified 16, and 24-bit
A/D Features
–
Selectable High-Pass Filter or DC Offset
Calibration
–
Selectable Serial Audio Interface Formats
Left-Justified up to 24-bit
I²S up to 24-bit
General Description
The CS4270 is a high-performance, integrated audio
CODEC. The CS4270 performs stereo analog-to-digital
(A/D) and digital-to-analog (D/A) conversion of up to
24-bit serial values at sample rates up to 216 kHz.
Standard 50/15
µs de-emphasis is available for sam-
pling rates of 44.1 kHz for compatibility with digital audio
programs mastered using the 50/15
µs pre-emphasis
technique.
Integrated level translators allow easy interfacing be-
tween the CS4270 and other devices operating over a
wide range of logic levels.
Independently addressable high-pass filters are avail-
able for the right and left channel of the A/D. This allows
the A/D to be used in a wide variety of applications
where one audio channel and one DC measurement
channel is desired.
The CS4270’s wide dynamic range, negligible distor-
tion, and low noise make it ideal for applications such as
DVD-recorders, digital televisions, set top boxes, ef-
fects processors, and automotive audio systems.
ORDERING INFORMATION
Product
Description
Package
Pb-Free
Grade
Temp Range
Container
Order #
CS4270
24-Bit 192 kHz Stereo
Audio CODEC
24-TSSOP
YES
Commercial -10° to +85° C
Rail
CS4270-CZZ
Tape & Reel CS4270-CZZR
CS4270
24-Bit 192 kHz Stereo
Audio CODEC
24-TSSOP
YES
Commercial -40° to +85° C
Rail
CS4270-DZZ
Tape & Reel CS4270-DZZR
CDB4270 CS4270 Evaluation Board
-
-
-
-
-
CDB4270



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com