Electronic Components Datasheet Search
  English  ▼

X  

CS4270 Datasheet(PDF) 39 Page - Cirrus Logic

Part # CS4270
Description  24-Bit, 192 kHz Stereo Audio CODEC
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4270 Datasheet(HTML) 39 Page - Cirrus Logic

Back Button CS4270 Datasheet HTML 35Page - Cirrus Logic CS4270 Datasheet HTML 36Page - Cirrus Logic CS4270 Datasheet HTML 37Page - Cirrus Logic CS4270 Datasheet HTML 38Page - Cirrus Logic CS4270 Datasheet HTML 39Page - Cirrus Logic CS4270 Datasheet HTML 40Page - Cirrus Logic CS4270 Datasheet HTML 41Page - Cirrus Logic CS4270 Datasheet HTML 42Page - Cirrus Logic CS4270 Datasheet HTML 43Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 48 page
background image
DS686A1
39
CS4270
8.7
DAC Channel A Volume Control - Address 07h
Function:
See Section 8.8 DAC Channel B Volume Control - Address 08h.
8.8
DAC Channel B Volume Control - Address 08h
Function:
The digital volume control allows the user to attenuate the signal in 0.5 dB increments from 0 to -127 dB.
The vol<0> bit activates a 0.5 dB attenuation when set, and no attenuation when cleared. The Vol[7:1]
bits activate attenuation equal to their decimal value (in dB). Example volume settings are decoded as
shown in Table 13. The volume changes are implemented as dictated by the DACSoft and DACZero-
Cross bits in the Transition Control register (see Section 8.5.2).
7
6
5
432
10
dacA
vol<7>
dacA
vol<6>
dacA
vol<5>
dacA
vol<4>
dacA
vol<3>
dacA
vol<2>
dacA
vol<1>
dacA
vol<0>
7
6
5
432
10
dacB
vol<7>
dacB
vol<6>
dacB
vol<5>
dacB
vol<4>
dacB
vol<3>
dacB
vol<2>
dacB
vol<1>
dacB
vol<0>
Binary Code
Volume Setting
00000000
0 dB
00000001
-0.5 dB
00101000
-20 dB
00101001
-20.5 dB
11111110
-127 dB
11111111
-127.5 dB
Table 13. Digital Volume Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com