Electronic Components Datasheet Search
  English  ▼

X  

CS4270 Datasheet(PDF) 32 Page - Cirrus Logic

Part # CS4270
Description  24-Bit, 192 kHz Stereo Audio CODEC
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4270 Datasheet(HTML) 32 Page - Cirrus Logic

Back Button CS4270 Datasheet HTML 28Page - Cirrus Logic CS4270 Datasheet HTML 29Page - Cirrus Logic CS4270 Datasheet HTML 30Page - Cirrus Logic CS4270 Datasheet HTML 31Page - Cirrus Logic CS4270 Datasheet HTML 32Page - Cirrus Logic CS4270 Datasheet HTML 33Page - Cirrus Logic CS4270 Datasheet HTML 34Page - Cirrus Logic CS4270 Datasheet HTML 35Page - Cirrus Logic CS4270 Datasheet HTML 36Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 48 page
background image
32
DS686A1
CS4270
6.2
I²C Mode
In I²C mode, SDA is a bi-directional data line. Data is clocked into and out of the part by the clock, SCL, with
the clock to data relationship as shown in Figure 17. There is no CS pin. Pins AD0, AD1, and AD2 form the
partial chip address and should be tied to VLC or DGND as required. The upper 4 bits of the 7-bit address
field must be 1001. To communicate with the CS4270, the three lower bits of the chip address field should
match the setting on the AD0, AD1, and AD2 pins. The eighth bit of the address byte is the R/W bit (high for
a read, low for a write). The next byte is the Memory Address Pointer, MAP, which selects the register to be
read or written. If the operation is a write, the MAP is then followed by the data to be written. If the operation
is a read, then the contents of the register pointed to by the MAP will be output after the chip address.
The CS4270 has MAP auto increment capability, enabled by the INCR bit in the MAP. If INCR is 0, then the
MAP will stay constant for successive writes. If INCR is set, then MAP will auto increment after each byte
is written, allowing block reads or writes of successive registers.
76
543
21
0
INCR
Reserved
Reserved
Reserved
MAP3
MAP2
MAP1
MAP0
00
000
00
0
INCR - Auto MAP Increment Enable
Default = ‘0’.
0 - Disabled
1 - Enabled
MAP(3:0) - Memory Address Pointer
Default = ‘0000’.
Table 7. Memory Address Pointer
SDA
SCL
1001
ADDR
AD2
R/W
Start
ACK
DATA
1-8
ACK
DATA
1-8
ACK
Stop
Note: If operation is a write, this byte contains the Memory Address Pointer, MAP.
Note 1
AD0
-
Figure 17. Control Port Timing,
I²C Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com