Electronic Components Datasheet Search
  English  ▼

X  

CS5378-ISZ Datasheet(PDF) 64 Page - Cirrus Logic

Part # CS5378-ISZ
Description  Low-power Single-channel Decimation Filter
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5378-ISZ Datasheet(HTML) 64 Page - Cirrus Logic

Back Button CS5378-ISZ Datasheet HTML 60Page - Cirrus Logic CS5378-ISZ Datasheet HTML 61Page - Cirrus Logic CS5378-ISZ Datasheet HTML 62Page - Cirrus Logic CS5378-ISZ Datasheet HTML 63Page - Cirrus Logic CS5378-ISZ Datasheet HTML 64Page - Cirrus Logic CS5378-ISZ Datasheet HTML 65Page - Cirrus Logic CS5378-ISZ Datasheet HTML 66Page - Cirrus Logic CS5378-ISZ Datasheet HTML 67Page - Cirrus Logic CS5378-ISZ Datasheet HTML 68Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 86 page
background image
CS5378
DS639F1
64
19. GENERAL PURPOSE I/O
The General Purpose I/O (GPIO) block provides 8
general purpose pins to interface with external
hardware.
19.1 Pin Descriptions
GPIO[3:0] - Pins 4 - 1
Standard GPIO pins.
GPIO[6:4]:PLL[2:0] - Pins 7 - 5
Standard GPIO pins also used to select the PLL
mode after reset. Internal pull-ups default high,
10 k
Ω external pull-downs required to set low.
GPIO7:BOOT - Pin 28
Standard GPIO pin also used to select boot mode
after reset. Internal pull-up defaults high, 10 k
Ω ex-
ternal pull-down required to set low.
19.2 GPIO Architecture
Each GPIO pin can be configured as input or out-
put, high or low, with a weak (~100 k
Ω) internal
pull-up resistor enabled or disabled.
Figure 38
shows the structure of a bi-directional GPIO pin.
19.3 GPIO Registers
GPIO pin settings are programmed in the GPCFG
register. GP_DIR bits set the input/output mode,
GP_PULL bits enable/disable the internal pull-up
resistor, and GP_DATA bits set the output data val-
ue. After reset, GPIO pins default as inputs with
pull-up resistors enabled.
19.4 GPIO Input Mode
When reading a value from the GP_DATA bits, the
returned data reports the current state of the pins. If
a pin is externally driven high it reads a logical 1, if
externally driven low it reads a logical 0. When a
GPIO pin is used as an input, the pull-up resistor
should be disabled to save power if it isn’t required.
19.5 GPIO Output Mode
When a GPIO pin is programmed as an output with
a data value of 0, the pin is driven low and the in-
ternal pull-up resistor is automatically disabled.
When programmed as an output with a data value
of 1, the pin is driven high and the pull-up resistor
is inconsequential.
Any GPIO pin can be used as an open-drain output
by setting the data value to 0, enabling the pull-up,
and using the GP_DIR direction bits to control the
pin value. This open-drain output configuration
uses the internal pull-up resistor to hold the pin
high when GP_DIR is set as an input, and drives the
pin low when GP_DIR is set as an output.
Figure 38. GPIO Block Diagram
GPIO
GP_DIR
GP_DATA
GP_PULL
Pull Up
Logic
R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com