Electronic Components Datasheet Search
  English  ▼

X  

CS5378-ISZ Datasheet(PDF) 85 Page - Cirrus Logic

Part # CS5378-ISZ
Description  Low-power Single-channel Decimation Filter
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5378-ISZ Datasheet(HTML) 85 Page - Cirrus Logic

Back Button CS5378-ISZ Datasheet HTML 78Page - Cirrus Logic CS5378-ISZ Datasheet HTML 79Page - Cirrus Logic CS5378-ISZ Datasheet HTML 80Page - Cirrus Logic CS5378-ISZ Datasheet HTML 81Page - Cirrus Logic CS5378-ISZ Datasheet HTML 82Page - Cirrus Logic CS5378-ISZ Datasheet HTML 83Page - Cirrus Logic CS5378-ISZ Datasheet HTML 84Page - Cirrus Logic CS5378-ISZ Datasheet HTML 85Page - Cirrus Logic CS5378-ISZ Datasheet HTML 86Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 85 / 86 page
background image
CS5378
DS639F1
85
22.PACKAGE DIMENSIONS
INCHES
MILLIMETERS
NOTE
DIM
MIN
NOM
MAX
MIN
NOM
MAX
A--
--
0.084
--
--
2.13
A1
0.002
0.006
0.010
0.05
0.15
0.25
A2
0.064
0.069
0.074
1.62
1.75
1.88
b
0.009
--
0.015
0.22
--
0.38
2,3
D
0.390
0.4015
0.413
9.90
10.20
10.50
1
E
0.291
0.307
0.323
7.40
7.80
8.20
E1
0.197
0.209
0.220
5.00
5.30
5.60
1
e
0.022
0.026
0.030
0.55
0.65
0.75
L
0.025
0.0354
0.041
0.63
0.90
1.03
∝
0°
4°
8°
0°
4°
8°
JEDEC #: MO-150
Controlling Dimension is Millimeters
28L SSOP PACKAGE DRAWING
E
N
1 23
e
b2
A1
A2
A
D
SEATING
PLANE
E11
L
SIDE VIEW
END VIEW
TOP VIEW
∝



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com