Electronic Components Datasheet Search
  English  ▼

X  

CS5378-ISZ Datasheet(PDF) 14 Page - Cirrus Logic

Part # CS5378-ISZ
Description  Low-power Single-channel Decimation Filter
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5378-ISZ Datasheet(HTML) 14 Page - Cirrus Logic

Back Button CS5378-ISZ Datasheet HTML 10Page - Cirrus Logic CS5378-ISZ Datasheet HTML 11Page - Cirrus Logic CS5378-ISZ Datasheet HTML 12Page - Cirrus Logic CS5378-ISZ Datasheet HTML 13Page - Cirrus Logic CS5378-ISZ Datasheet HTML 14Page - Cirrus Logic CS5378-ISZ Datasheet HTML 15Page - Cirrus Logic CS5378-ISZ Datasheet HTML 16Page - Cirrus Logic CS5378-ISZ Datasheet HTML 17Page - Cirrus Logic CS5378-ISZ Datasheet HTML 18Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 86 page
background image
CS5378
DS639F1
14
SWITCHING CHARACTERISTICS
Serial Configuration Interface Timing (External Master)
Parameter
Symbol
Min
Typ
Max
Unit
MOSI Write Timing
SS:EECS Enable to Valid Latch Clock
t1
60
-
-
ns
Data Set-up Time Prior to SCK Rising
t2
60
-
-
ns
Data Hold Time After SCK Rising
t3
120
-
-
ns
SCK High Time
t4
120
-
-
ns
SCK Low Time
t5
120
-
-
ns
SCK Falling Prior to SS:EECS Disable
t6
60
-
-
ns
MISO Read Timing
SCK Falling to New Data Bit
t7
--
200
ns
SCK High Time
t8
120
-
-
ns
SCK Low Time
t9
120
-
-
ns
SS:EECS Rising to MISO Hi-Z
t10
--
150
ns
Figure 4. MOSI Write Timing in SPI Slave Mode
SSI
MOSI
SCLK
MSB
MSB - 1
LSB
t6
t5
t4
t3
t2
t1
SCK
SS:EECS
Figure 5. MISO Read Timing in SPI Slave Mode
MISO
SCLK
MSB
MSB - 1
LSB
t
10
t9
t8
t
7
SSI
SS:EECS
SCK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com