Electronic Components Datasheet Search
  English  ▼

X  

CS5378-ISZ Datasheet(PDF) 10 Page - Cirrus Logic

Part # CS5378-ISZ
Description  Low-power Single-channel Decimation Filter
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5378-ISZ Datasheet(HTML) 10 Page - Cirrus Logic

Back Button CS5378-ISZ Datasheet HTML 6Page - Cirrus Logic CS5378-ISZ Datasheet HTML 7Page - Cirrus Logic CS5378-ISZ Datasheet HTML 8Page - Cirrus Logic CS5378-ISZ Datasheet HTML 9Page - Cirrus Logic CS5378-ISZ Datasheet HTML 10Page - Cirrus Logic CS5378-ISZ Datasheet HTML 11Page - Cirrus Logic CS5378-ISZ Datasheet HTML 12Page - Cirrus Logic CS5378-ISZ Datasheet HTML 13Page - Cirrus Logic CS5378-ISZ Datasheet HTML 14Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 86 page
background image
CS5378
DS639F1
10
Bits
23:20
19:16
15:12
11:8
7:4
3:0
Selection
0000
0000
IIR2
IIR1
FIR2
FIR1
Figure 3. FIR and IIR Coefficient Set Selection Word
Bits 15:12
IIR2 Coefficients
0000
3 Hz @ 2000 SPS
0001
3 Hz @ 1000 SPS
0010
3 Hz @ 500 SPS
0011
3 Hz @ 333 SPS
0100
3 Hz @ 250 SPS
Bits 11:8
IIR1 Coefficients
0000
3 Hz @ 2000 SPS
0001
3 Hz @ 1000 SPS
0010
3 Hz @ 500 SPS
0011
3 Hz @ 333 SPS
0100
3 Hz @ 250 SPS
Bits 7:4
FIR2 Coefficients
0000
Linear Phase
0001
Minimum Phase
Bits 3:0
FIR1 Coefficients
0000
Linear Phase
0001
Minimum Phase
Test Bit Stream Characteristic Equation:
(Signal Freq) * (# TBS Data) * (Interpolation + 1) = Output Rate
Example: (31.25 Hz) * (1024) * (0x07 + 1) = 256 kHz
Signal
Frequency
(TBSDATA)
Output
Rate
(TBSCLK)
Output Rate
Selection
(RATE)
Interpolation
Selection
(INTP)
10.00 Hz
256 kHz
0x4
0x18
10.00 Hz
512 kHz
0x5
0x31
25.00 Hz
256 kHz
0x4
0x09
25.00 Hz
512 kHz
0x5
0x13
31.25 Hz
256 kHz
0x4
0x07
31.25 Hz
512 kHz
0x5
0x0F
50.00 Hz
256 kHz
0x4
0x04
50.00 Hz
512 kHz
0x5
0x09
125.00 Hz
256 kHz
0x4
0x01
125.00 Hz
512 kHz
0x5
0x03
Table 2. TBS Configurations Using On-Chip Data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com