Electronic Components Datasheet Search
  English  ▼

X  

CS5378-ISZ Datasheet(PDF) 24 Page - Cirrus Logic

Part # CS5378-ISZ
Description  Low-power Single-channel Decimation Filter
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5378-ISZ Datasheet(HTML) 24 Page - Cirrus Logic

Back Button CS5378-ISZ Datasheet HTML 20Page - Cirrus Logic CS5378-ISZ Datasheet HTML 21Page - Cirrus Logic CS5378-ISZ Datasheet HTML 22Page - Cirrus Logic CS5378-ISZ Datasheet HTML 23Page - Cirrus Logic CS5378-ISZ Datasheet HTML 24Page - Cirrus Logic CS5378-ISZ Datasheet HTML 25Page - Cirrus Logic CS5378-ISZ Datasheet HTML 26Page - Cirrus Logic CS5378-ISZ Datasheet HTML 27Page - Cirrus Logic CS5378-ISZ Datasheet HTML 28Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 86 page
background image
CS5378
DS639F1
24
7. SYNCHRONIZATION
The CS5378 has a dedicated SYNC input that
aligns the internal digital filter phase and generates
an external signal for synchronizing modulator an-
alog sampling. By providing simultaneous rising
edges to the SYNC pins of multiple CS5378 devic-
es, synchronous sampling across a network can be
guaranteed.
7.1 Pin Description
SYNC - Pin 19
Synchronization input, rising edge triggered.
7.2 MSYNC Generation
The SYNC signal rising edge is used to generate a
retimed synchronization signal, MSYNC. The
MSYNC signal reinitializes internal digital filter
phase and is driven onto the MSYNC output pin to
phase align modulator analog sampling.
The MSEN bit in the digital filter CONFIG register
(0x00) enables MSYNC generation. See “Modula-
tor Interface” on page 36 for more information
about MSYNC.
7.3 Digital Filter Synchronization
The internal MSYNC signal resets the digital filter
state machine to establish a known digital filter
phase. Filter convolutions restart, and the next out-
put word is available one full sample period later.
Repetitive synchronization is supported when
SYNC events occur at exactly the selected output
rate. In this case, re-synchronization will occur at
the start of a convolution cycle when the digital fil-
ter state machine is already reset.
7.4
Modulator Synchronization
The external MSYNC signal phase aligns modula-
tor analog sampling when connected to the CS5371
MSYNC input. This ensures synchronous analog
sampling relative to MCLK.
Repetitive synchronization of the modulators is
supported when SYNC events occur at exactly the
selected output rate. In this case, re-synchroniza-
tion always occurs at the start of analog sampling.
7.5 Test Bit Stream Synchronization
When the test bit stream generator is enabled, an
MSYNC signal can reset the internal data pointer.
This restarts the test bit stream from the first data
point to establish a known output signal phase.
The TSYNC bit in the digital filter TBSCFG regis-
ter (0x2A) enables synchronization of the test bit
stream by MSYNC. When TSYNC is disabled, the
test bit stream phase is not affected by MSYNC.
Figure 13. Synchronization Block Diagram
SYNC
MSYNC
Digital
Filter
Generator
MSYNC
0
1
MSEN
0
1
TSYNC
Test Bit
Stream
Output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com