Electronic Components Datasheet Search
  English  ▼

X  

CS42438 Datasheet(PDF) 50 Page - Cirrus Logic

Part # CS42438
Description  108 dB, 192 kHz 6-in, 8-out TDM CODEC
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS42438 Datasheet(HTML) 50 Page - Cirrus Logic

Back Button CS42438 Datasheet HTML 46Page - Cirrus Logic CS42438 Datasheet HTML 47Page - Cirrus Logic CS42438 Datasheet HTML 48Page - Cirrus Logic CS42438 Datasheet HTML 49Page - Cirrus Logic CS42438 Datasheet HTML 50Page - Cirrus Logic CS42438 Datasheet HTML 51Page - Cirrus Logic CS42438 Datasheet HTML 52Page - Cirrus Logic CS42438 Datasheet HTML 53Page - Cirrus Logic CS42438 Datasheet HTML 54Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 64 page
background image
50
DS646PP2
Function:
When enabled, these bits will invert the signal polarity of their respective channels.
7.13
STATUS (ADDRESS 19H) (READ ONLY)
For all bits in this register, a “1” means the associated error condition has occurred at least once since the register
was last read. A”0” means the associated error condition has NOT occurred since the last reading of the register.
Reading the register resets all bits to 0. Status bits that are masked off in the associated mask register will always
be “0” in this register.
7.13.1 CLOCK ERROR (CLK ERROR)
Default = x
Function:
Indicates an invalid MCLK to FS ratio. This status flag is set to “Level Active Mode” and becomes ac-
tive during the error condition. See “System Clocking” on page 33 for valid clock ratios.
7.13.2 ADC OVERFLOW (ADCX_OVFL)
Default = x
Function:
Indicates that there is an over-range condition anywhere in the CS42438 ADC signal path of each of
the associated ADC’s.
7.14
STATUS MASK (ADDRESS 1AH)
Default = 0000
Function:
The bits of this register serve as a mask for the error sources found in the register “Status (address
19h) (Read Only)” on page 50. If a mask bit is set to 1, the error is unmasked, meaning that its occur-
rence will affect the status register. If a mask bit is set to 0, the error is masked, meaning that its oc-
currence will not affect status register. The bit positions align with the corresponding bits in the Status
register.
7
654
32
10
Reserved
Reserved
Reserved
Reserved
CLK Error
ADC3_OVFL
ADC2_OVFL
ADC1_OVFL
7
654
32
10
Reserved
Reserved
Reserved
Reserved
CLK Error_M
ADC3_OVFL_M ADC2_OVFL_M ADC1_OVFL_M



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com