Electronic Components Datasheet Search
  English  ▼

X  

CS42438 Datasheet(PDF) 10 Page - Cirrus Logic

Part # CS42438
Description  108 dB, 192 kHz 6-in, 8-out TDM CODEC
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS42438 Datasheet(HTML) 10 Page - Cirrus Logic

Back Button CS42438 Datasheet HTML 6Page - Cirrus Logic CS42438 Datasheet HTML 7Page - Cirrus Logic CS42438 Datasheet HTML 8Page - Cirrus Logic CS42438 Datasheet HTML 9Page - Cirrus Logic CS42438 Datasheet HTML 10Page - Cirrus Logic CS42438 Datasheet HTML 11Page - Cirrus Logic CS42438 Datasheet HTML 12Page - Cirrus Logic CS42438 Datasheet HTML 13Page - Cirrus Logic CS42438 Datasheet HTML 14Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 64 page
background image
10
DS646PP2
3
TYPICAL CONNECTION DIAGRAMS
100 µF
0.1 µF
+
+
VQ
FILT+
0.1 µF
4.7 µF
VA
0.01 µF
DGND
Digital Audio
Processor
CS5341
A/D
Converter
VA
VD
AGND
AGND
AIN1+
AIN1-
Connect DGND and AGND at Codec
0.01 µF
+
10 µF
0.01 µF
+3.3 V
+
10 µF
0.01 µF
+1.8 V
to +5.0 V
Analog Input 1
Input
Filter 1
1. See the ADC Input Filter section in the Appendix.
2. See the DAC Output Filter section in the Appendix.
Analog Input 2
Analog Input 3
Analog Input 4
AIN5+/AIN5A
+3.3 V to +5 V
DGND
AIN2+
AIN2-
AIN3+
AIN3-
AIN4+
AIN4-
AIN5-/AIN5B
AIN6+/AIN6A
AIN6-/AIN6B
Analog Input 5
Analog Input 6
Analog Input 5A
Analog Input 5B
Analog Input 6A
Analog Input 6B
Input
Filter 1
AOUT1+
AOUT1-
AOUT2+
AOUT2-
AOUT3+
AOUT3-
AOUT4+
AOUT4-
Analog Output Filter 2
Analog Output Filter 2
Analog Output Filter 2
AOUT5+
AOUT5-
AOUT6+
AOUT6-
AOUT7+
AOUT7-
AOUT8+
AOUT8-
Analog Output Filter 2
Analog Output Filter 2
Analog Output Filter 2
Analog Output Filter 2
Analog Output Filter 2
Input
Filter 1
Input
Filter 1
Input
Filter 1
Input
Filter 1
Input
Filter 1
Input
Filter 1
Input
Filter 1
Input
Filter 1
0.1 µF
+1.8 V
to +5 V
Micro-
Controller
2 k
Ω
2 k
Ω
**
**
** Resistors are required for
I2C control port operation
3
4
2
1
5
13
14
7
11
12
17
16
10
15
6
948
35
18
47
37
51
52
49
50
44
45
42
43
40
41
38
39
34
33
31
32
30
29
27
28
26
25
23
24
22
21
19
20
46
37
8
VLC
SCL/CCLK
RST
AD0/CS
SDA/CDOUT
AD1/CDIN
MCLK
AUX_SDIN
DAC_SDIN
FS
SCLK
AUX_SCLK
AUX_LRCK
ADC_SDOUT
VLS
Figure 1. Typical Connection Diagram (Software Mode)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com