Electronic Components Datasheet Search
  English  ▼

X  

CS42438 Datasheet(PDF) 8 Page - Cirrus Logic

Part # CS42438
Description  108 dB, 192 kHz 6-in, 8-out TDM CODEC
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS42438 Datasheet(HTML) 8 Page - Cirrus Logic

Back Button CS42438 Datasheet HTML 4Page - Cirrus Logic CS42438 Datasheet HTML 5Page - Cirrus Logic CS42438 Datasheet HTML 6Page - Cirrus Logic CS42438 Datasheet HTML 7Page - Cirrus Logic CS42438 Datasheet HTML 8Page - Cirrus Logic CS42438 Datasheet HTML 9Page - Cirrus Logic CS42438 Datasheet HTML 10Page - Cirrus Logic CS42438 Datasheet HTML 11Page - Cirrus Logic CS42438 Datasheet HTML 12Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 64 page
background image
8
DS646PP2
2
PIN DESCRIPTIONS - HARDWARE MODE
Pin Name
#
Pin Description
AIN5_MUX
AIN6_MUX
1
2
Analog Input Multiplexer
(Input) - Allows selection between the A and B single-ended inputs of
ADC3. See sections 7.6.7 and 7.6.8 for details.
MFREQ
3
MCLK Frequency (Input) - Sets the required frequency range of the input Master Clock. See sec-
tion 5.4 for the appropriate settings.
ADC3_HPF
4
ADC3 High-Pass Filter Freeze (Input) - When this pin is driven high, the internal high-pass filter
will be disabled for ADC3.The current DC offset value will be frozen and continue to be subtracted
from the conversion result. See “ADC Digital Filter Characteristics” on page 15.
RST
5
Reset (Input) - The device enters a low power mode and all internal registers are reset to their
default settings when low.
VLC
6
Control Port Power (Input) - Determines the required signal level for the control port interface.
See “Digital I/O Pin Characteristics” on page 7.
FS
7
Frame Sync (Input) - Signals the start of a new TDM frame in the TDM digital interface format.
VD
8
Digital Power (Input) - Positive power supply for the digital section.
VLS
10
Serial Port Interface Power (Input) - Determines the required signal level for the serial port inter-
faces.
SCLK
11
Serial Clock (Input) - Serial clock for the serial audio interface. Input frequency must be 256xFs.
ADC_SDOUT/
ADC3_SINGLE
13
Serial Audio Data Output (Output) - TDM output for two’s complement serial audio data. Start-up
Option for Hardware Mode: Pull-up to VLS enables Single-Ended Mode for AIN5-AIN6.
DAC_SDIN
14
DAC Serial Audio Data Input (Input) - Input for two’s complement serial audio data.
AUX_LRCK
15
Auxiliary Left/Right Clock (Output) - Determines which channel, Left or Right, is currently active
on the Auxiliary serial audio data line.
AIN5_MUX
6
2
4
8
10
1
3
5
7
9
11
12
14 15 1 6 17 18 1 9 20 21 22 23 24 25
33
37
35
31
29
38
36
34
32
30
28
27
52 51 5 0 49 48 4 7 46 45 44 43 42 41
VLS
FS
MCLK
VLC
ADC3_HPF
AOUT7-
AOUT5+
AGND
VA
ADC_SDOUT/
ADC3_SINGLE
MFREQ
RST
AOUT6+
DGND
VD
SCLK
VQ
AOUT6-
13
AIN6_MUX
26
39
AOUT5-
40
AOUT7+
AOUT8+
AOUT8-
AIN1+
AIN1-
CS42438



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com