Electronic Components Datasheet Search
  English  ▼

X  

CS42438 Datasheet(PDF) 58 Page - Cirrus Logic

Part # CS42438
Description  108 dB, 192 kHz 6-in, 8-out TDM CODEC
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS42438 Datasheet(HTML) 58 Page - Cirrus Logic

Back Button CS42438 Datasheet HTML 54Page - Cirrus Logic CS42438 Datasheet HTML 55Page - Cirrus Logic CS42438 Datasheet HTML 56Page - Cirrus Logic CS42438 Datasheet HTML 57Page - Cirrus Logic CS42438 Datasheet HTML 58Page - Cirrus Logic CS42438 Datasheet HTML 59Page - Cirrus Logic CS42438 Datasheet HTML 60Page - Cirrus Logic CS42438 Datasheet HTML 61Page - Cirrus Logic CS42438 Datasheet HTML 62Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 64 page
background image
58
DS646PP2
-10
-9
-8
-7
-6
-5
-4
-3
-2
-1
0
0.45
0.46
0.47
0.48
0.49
0.50
0.51
0.52
0.53
0.54
0.55
Frequency (normalized to Fs)
-0.30
-0.25
-0.20
-0.15
-0.10
-0.05
0.00
0.05
0.10
0.15
0.20
0.25
0.30
0.00
0.05
0.10
0.15
0.20
0.25
0.30
0.35
0.40
0.45
0.50
Frequency (normalized to Fs)
Figure 40. DSM Transition Band (detail)
Figure 41. DSM Passband Ripple
0.35
0.4
0.45
0.5
0.55
0.6
0.65
0.7
0.75
-60
-50
-40
-30
-20
-10
0
Frequency(normalized to Fs)
Figure 42. QSM Stopband Rejection
Figure 43. QSM Transition Band
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
Frequency(normalized to Fs)
0.4
0.45
0.5
0.55
0.6
0.65
0.7
-50
-45
-40
-35
-30
-25
-20
-15
-10
-5
0
Frequency(normalized to Fs)
0.05
0.1
0.15
0.2
0.25
0.3
0.35
0.4
0.45
-0.2
-0.15
-0.1
-0.05
0
0.05
0.1
0.15
0.2
Frequency(normalized to Fs)
Figure 44. QSM Transition Band (detail)
Figure 45. QSM Passband Ripple



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com