Electronic Components Datasheet Search
  English  ▼

X  

CS42438 Datasheet(PDF) 12 Page - Cirrus Logic

Part # CS42438
Description  108 dB, 192 kHz 6-in, 8-out TDM CODEC
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS42438 Datasheet(HTML) 12 Page - Cirrus Logic

Back Button CS42438 Datasheet HTML 8Page - Cirrus Logic CS42438 Datasheet HTML 9Page - Cirrus Logic CS42438 Datasheet HTML 10Page - Cirrus Logic CS42438 Datasheet HTML 11Page - Cirrus Logic CS42438 Datasheet HTML 12Page - Cirrus Logic CS42438 Datasheet HTML 13Page - Cirrus Logic CS42438 Datasheet HTML 14Page - Cirrus Logic CS42438 Datasheet HTML 15Page - Cirrus Logic CS42438 Datasheet HTML 16Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 64 page
background image
12
DS646PP2
4
CHARACTERISTICS AND SPECIFICATIONS
(All Min/Max characteristics and specifications are guaranteed over the Specified Operating Conditions. Typical per-
formance characteristics and specifications are derived from measurements taken at nominal supply voltages and
TA = 25° C.)
SPECIFIED OPERATING CONDITIONS
(AGND=DGND=0 V, all voltages with respect to ground.)
ABSOLUTE MAXIMUM RATINGS
(AGND = DGND = 0 V; all voltages with respect to ground.)
WARNING: Operation at or beyond these limits may result in permanent damage to the device. Normal operation is
not guaranteed at these extremes.
Notes: 1. Analog input/output performance will slightly degrade at VA = 3.3 V.
2. The ADC_SDOUT may not meet timing requirements in Double-Speed Mode.
3. Any pin except supplies. Transient currents of up to ±100 mA on the analog input pins will not cause SCR
latch-up.
4. The maximum over/under voltage is limited by the input current.
Parameters
Symbol
Min
Typ
Max
Units
DC Power Supply
Analog
3.3 V
(Note 1)
5.0 V
VA
3.14
4.75
3.3
5
3.47
5.25
V
V
Digital
3.3 V
VD
3.14
3.3
3.47
V
Serial Audio Interface
1.8 V (Note 2)
2.5 V
3.3 V
5.0 V
VLS
1.71
2.37
3.14
4.75
1.8
2.5
3.3
5
1.89
2.63
3.47
5.25
V
V
V
V
Control Port Interface
1.8 V
2.5 V
3.3 V
5.0 V
VLC
1.71
2.37
3.14
4.75
1.8
2.5
3.3
5
1.89
2.63
3.47
5.25
V
V
V
V
Ambient Temperature
Commercial
-CMZ
Automotive
-DMZ
TA
-10
-40
-
-
+70
+85
°C
°C
Parameters
Symbol
Min
Max
Units
DC Power Supply
Analog
Digital
Serial Port Interface
Control Port Interface
VA
VD
VLS
VLC
-0.3
-0.3
-0.3
-0.3
6.0
6.0
6.0
6.0
V
V
V
V
Input Current
(Note 3)
Iin
-±10
mA
Analog Input Voltage
(Note 4)
VIN
AGND-0.7
VA+0.7
V
Digital Input Voltage
Serial Port Interface
(Note 4)
Control Port Interface
VIND-S
VIND-C
-0.3
-0.3
VLS+ 0.4
VLC+ 0.4
V
V
Ambient Operating Temperature
CS42438-CMZ
(power applied)
CS42438-DMZ
TA
-20
-50
+85
+95
°C
°C
Storage Temperature
Tstg
-65
+150
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com