Electronic Components Datasheet Search
  English  ▼

X  

080-0001 Datasheet(PDF) 12 Page - Laird Tech Smart Technology

Part # 080-0001
Description  Integrated Transceiver Modules for WLAN 802.11 b/g/n, Bluetooth, Bluetooth Low Energy (BLE)
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSTD [Laird Tech Smart Technology]
Direct Link  http://www.lairdtech.com/
Logo LSTD - Laird Tech Smart Technology

080-0001 Datasheet(HTML) 12 Page - Laird Tech Smart Technology

Back Button 080-0001 Datasheet HTML 8Page - Laird Tech Smart Technology 080-0001 Datasheet HTML 9Page - Laird Tech Smart Technology 080-0001 Datasheet HTML 10Page - Laird Tech Smart Technology 080-0001 Datasheet HTML 11Page - Laird Tech Smart Technology 080-0001 Datasheet HTML 12Page - Laird Tech Smart Technology 080-0001 Datasheet HTML 13Page - Laird Tech Smart Technology 080-0001 Datasheet HTML 14Page - Laird Tech Smart Technology 080-0001 Datasheet HTML 15Page - Laird Tech Smart Technology 080-0001 Datasheet HTML 16Page - Laird Tech Smart Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 52 page
background image
TiWi-BLE Transceiver Module
Datasheet
The information in this document is subject to change without notice.
330-0087-R3.7
Copyright © 2011-2018 LSR
Page 12 of 52
ELECTRICAL SPECIFICATIONS
The majority of these characteristics are based on controlling and conditioning the tests using the TiWi-BLE control software
application. Other control conditions may require these values to be re-characterized by the customer.
Absolute Maximum Ratings
Parameter
Min
Max
Unit
Power supply voltage (VBAT)(4)(5)
-0.5
+5.5
V
Digital supply voltage (VIO)
-0.5
2.1
V
Voltage on any GPIO
-0.5
VIO + 0.5
V
Voltage on any Analog Pins(3)
-0.5
2.1
V
RF input power, antenna port
+10
dBm
Operating temperature(6)
-40
+85
ºC
Storage temperature
-55
+125
ºC
1.
Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device and are not covered by
the warranty. These are stress ratings only and functional operation of the device at these or any other conditions beyond those
indicated under “recommended operating conditions” is not implied. Exposure to absolute-maximum-rated conditions for extended
periods may affect device reliability.
2.
All parameters are measured as follows unless stated otherwise: VDD_IN=1.8V, VDDIO_1.8V=1.8V, VDD_LDO_CLASS1P5=3.6V
3.
Analog pins: XTALP, XTALM, RFIOBT, DRPWRXBM, DRPWRXBP, DRPWTXB, and also FMRFINP, FMRFINM, FMRFINM, FMAUDLIN,
FMAUDRIN, FMAUDLOUT, FMAUDROUT
4.
The following signals are from the VBAT group, PMS_VBAT and VDD_LDO_CLASS1P5 (if BT class 1.5 direct VBAT is used).
5.
Maximum allowed depends on accumulated time at that voltage; 4.8V for 7 years lifetime, 5.5V for 6 hours cumulative.
6.
The device can be reliably operated for 5,000 active-WLAN cumulative hours at TA of 85oC.
Table 4 Absolute Maximum Ratings
Recommended Operating Conditions
Parameter
Min
Typ
Max
Unit
VBAT
3.0
3.6
4.8
V
VIO
1.62
1.8
1.92
V
VIH
0.65 x VIO
-
VIO
V
VIL
0
-
0.35 x VIO
V
VOH @ 4, 8 mA
VIO - 0.45
-
VIO
V
VOL @ 4, 8 mA
0
-
0.45
V
Ambient temperature range
-40
25
85
ºC
Table 5 Recommended Operating Conditions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com