Electronic Components Datasheet Search
  English  ▼

X  

080-0001 Datasheet(PDF) 17 Page - Laird Tech Smart Technology

Part # 080-0001
Description  Integrated Transceiver Modules for WLAN 802.11 b/g/n, Bluetooth, Bluetooth Low Energy (BLE)
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSTD [Laird Tech Smart Technology]
Direct Link  http://www.lairdtech.com/
Logo LSTD - Laird Tech Smart Technology

080-0001 Datasheet(HTML) 17 Page - Laird Tech Smart Technology

Back Button 080-0001 Datasheet HTML 13Page - Laird Tech Smart Technology 080-0001 Datasheet HTML 14Page - Laird Tech Smart Technology 080-0001 Datasheet HTML 15Page - Laird Tech Smart Technology 080-0001 Datasheet HTML 16Page - Laird Tech Smart Technology 080-0001 Datasheet HTML 17Page - Laird Tech Smart Technology 080-0001 Datasheet HTML 18Page - Laird Tech Smart Technology 080-0001 Datasheet HTML 19Page - Laird Tech Smart Technology 080-0001 Datasheet HTML 20Page - Laird Tech Smart Technology 080-0001 Datasheet HTML 21Page - Laird Tech Smart Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 52 page
background image
TiWi-BLE Transceiver Module
Datasheet
The information in this document is subject to change without notice.
330-0087-R3.7
Copyright © 2011-2018 LSR
Page 17 of 52
Bluetooth RF Characteristics
Bluetooth Transmitter GFSK Characteristics, Class 1.5
(TA=25°C, VBAT=3.6 V)
Parameter
Test
Conditions
Min
Typ
Max
Bluetooth Spec
Unit
GFSK RF Output Power
-
9.5
-
-
dBm
EDR RF Output Power
-
7
-
dBm
Power Control Step Size
2
4
8
2-8
dB
EDR Relative Power
-2
1
-4/+1
dB
Table 12 Bluetooth Transmitter RF Characteristics
Bluetooth Receiver Characteristics
(TA=25°C, VBAT=3.6 V)
Parameter
Test
Conditions
Min
Typ
Max
Bluetooth Spec
Unit
GFSK Sensitivity
BER=0.1%
-
-92
-
-70
dBm
EDR 2 Mbps Sensitivity
BER=0.01%
-
-91
-
-70
dBm
EDR 3 Mbps Sensitivity
BER=0.01%
-
-82
-
-70
dBm
GFSK Maximum Input Level
BER=0.1%
-
-5
-
-20
dBm
EDR 2 Maximum Input Level
BER=0.1%
-
-10
-
-
dBm
EDR 3 Maximum Input Level
BER=0.1%
-
-10
-
-
-
Table 13 Bluetooth Receiver RF Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com