Electronic Components Datasheet Search
  English  ▼

X  

080-0001 Datasheet(PDF) 39 Page - Laird Tech Smart Technology

Part # 080-0001
Description  Integrated Transceiver Modules for WLAN 802.11 b/g/n, Bluetooth, Bluetooth Low Energy (BLE)
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSTD [Laird Tech Smart Technology]
Direct Link  http://www.lairdtech.com/
Logo LSTD - Laird Tech Smart Technology

080-0001 Datasheet(HTML) 39 Page - Laird Tech Smart Technology

Back Button 080-0001 Datasheet HTML 35Page - Laird Tech Smart Technology 080-0001 Datasheet HTML 36Page - Laird Tech Smart Technology 080-0001 Datasheet HTML 37Page - Laird Tech Smart Technology 080-0001 Datasheet HTML 38Page - Laird Tech Smart Technology 080-0001 Datasheet HTML 39Page - Laird Tech Smart Technology 080-0001 Datasheet HTML 40Page - Laird Tech Smart Technology 080-0001 Datasheet HTML 41Page - Laird Tech Smart Technology 080-0001 Datasheet HTML 42Page - Laird Tech Smart Technology 080-0001 Datasheet HTML 43Page - Laird Tech Smart Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 52 page
background image
TiWi-BLE Transceiver Module
Datasheet
The information in this document is subject to change without notice.
330-0087-R3.7
Copyright © 2011-2018 LSR
Page 39 of 52
CLEANING
In general, cleaning the populated modules is strongly
discouraged. Residuals under the module cannot be
easily removed with any cleaning process.
•
Cleaning with water can lead to capillary effects
where water is absorbed into the gap between
the host board and the module. The
combination of soldering flux residuals and
encapsulated water could lead to short circuits
between neighboring pads. Water could also
damage any stickers or labels.
•
Cleaning with alcohol or a similar organic
solvent will likely flood soldering flux residuals
into the RF shield, which is not accessible for
post-washing inspection. The solvent could also
damage any stickers or labels.
•
Ultrasonic cleaning could damage the module
permanently.
OPTICAL INSPECTION
After soldering the Module to the host board, consider
optical inspection to check the following:
•
Proper alignment and centering of the module
over the pads.
•
Proper solder joints on all pads.
•
Excessive solder or contacts to neighboring
pads, or vias.
REWORK
The module can be unsoldered from the host board if the
Moisture Sensitivity Level (MSL) requirements are met as
described in this datasheet.
Never attempt a rework on the module
itself,
e.g.
replacing
individual
components. Such actions will terminate
warranty coverage.
SHIPPING, HANDLING, AND STORAGE
Shipping
Bulk orders of the TiWi-BLE modules are delivered in
trays of 100 or reels of 1,000.
Handling
The TiWi-BLE modules contain a highly sensitive
electronic circuitry. Handling without proper ESD
protection may destroy or damage the module
permanently.
Moisture Sensitivity Level (MSL)
Per J-STD-020, devices rated as MSL 4 and not stored in a
sealed bag with desiccant pack should be baked prior to
use.
Devices are packaged in a Moisture Barrier Bag with a
desiccant pack and Humidity Indicator Card (HIC).
Devices that will be subjected to reflow should reference
the HIC and J-STD-033 to determine if baking is required.
If baking is required, refer to J-STD-033 for bake
procedure.
Storage
Per J-STD-033, the shelf life of devices in a Moisture
Barrier Bag is 12 months at <40ºC and <90% room
humidity (RH).
Do not store in salty air or in an environment with a high
concentration of corrosive gas, such as Cl2, H2S, NH3,
SO2, or NOX.
Do not store in direct sunlight.
The product should not be subject to excessive
mechanical shock.
Repeating Reflow Soldering
Only a single reflow soldering process is encouraged for host boards.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com