Electronic Components Datasheet Search
  English  ▼

X  

080-0001 Datasheet(PDF) 21 Page - Laird Tech Smart Technology

Part # 080-0001
Description  Integrated Transceiver Modules for WLAN 802.11 b/g/n, Bluetooth, Bluetooth Low Energy (BLE)
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSTD [Laird Tech Smart Technology]
Direct Link  http://www.lairdtech.com/
Logo LSTD - Laird Tech Smart Technology

080-0001 Datasheet(HTML) 21 Page - Laird Tech Smart Technology

Back Button 080-0001 Datasheet HTML 17Page - Laird Tech Smart Technology 080-0001 Datasheet HTML 18Page - Laird Tech Smart Technology 080-0001 Datasheet HTML 19Page - Laird Tech Smart Technology 080-0001 Datasheet HTML 20Page - Laird Tech Smart Technology 080-0001 Datasheet HTML 21Page - Laird Tech Smart Technology 080-0001 Datasheet HTML 22Page - Laird Tech Smart Technology 080-0001 Datasheet HTML 23Page - Laird Tech Smart Technology 080-0001 Datasheet HTML 24Page - Laird Tech Smart Technology 080-0001 Datasheet HTML 25Page - Laird Tech Smart Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 52 page
background image
TiWi-BLE Transceiver Module
Datasheet
The information in this document is subject to change without notice.
330-0087-R3.7
Copyright © 2011-2018 LSR
Page 21 of 52
BLUETOOTH POWER-UP SEQUENCE
The following sequence describes device power up from shutdown. Only the Bluetooth core is enabled; the WLAN
core is disabled.
Notes:
1.
(A) After this sequence is completed, the device is in the low VIO-leakage state while in shutdown
2.
The DC2DC(1.8V) signal can be monitored on BT_FUNC2 Module Pin (#41)
3.
DC_REQ, CLK_REQ, and FREF are internal signals shown for reference only
Figure 5 Bluetooth Power-up Sequence
Power up requirements:
1.
No signals are allowed on the IO pins if no IO power supplied, because the IOs are not 'failsafe'. Exceptions
are CLK_REQ_OUT, SLOWCLK, XTALP, and AUD_xxx, which are failsafe and can tolerate external voltages with
no VDDS and DC2DC.
2.
VDDS and SLOWCLK must be stable before releasing BT_EN.
3.
Fast clock must be stable maximum 55 ms after BT_EN goes HIGH.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com