Electronic Components Datasheet Search
  English  ▼

X  

080-0001 Datasheet(PDF) 2 Page - Laird Tech Smart Technology

Part # 080-0001
Description  Integrated Transceiver Modules for WLAN 802.11 b/g/n, Bluetooth, Bluetooth Low Energy (BLE)
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSTD [Laird Tech Smart Technology]
Direct Link  http://www.lairdtech.com/
Logo LSTD - Laird Tech Smart Technology

080-0001 Datasheet(HTML) 2 Page - Laird Tech Smart Technology

  080-0001 Datasheet HTML 1Page - Laird Tech Smart Technology 080-0001 Datasheet HTML 2Page - Laird Tech Smart Technology 080-0001 Datasheet HTML 3Page - Laird Tech Smart Technology 080-0001 Datasheet HTML 4Page - Laird Tech Smart Technology 080-0001 Datasheet HTML 5Page - Laird Tech Smart Technology 080-0001 Datasheet HTML 6Page - Laird Tech Smart Technology 080-0001 Datasheet HTML 7Page - Laird Tech Smart Technology 080-0001 Datasheet HTML 8Page - Laird Tech Smart Technology 080-0001 Datasheet HTML 9Page - Laird Tech Smart Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 52 page
background image
TiWi-BLE Transceiver Module
Datasheet
The information in this document is subject to change without notice.
330-0087-R3.7
Copyright © 2011-2018 LSR
Page 2 of 52
ORDERING INFORMATION
Order Number
Description
450-0064
TiWi-BLE Module with U.FL connector for external antenna
(Tray, SPQ = 100)
450-0064R
TiWi-BLE Module with U.FL connector for external antenna
(Tape and Reel SPQ = 1000)
Table 1 Orderable TiWi-BLE Part Numbers
MODULE ACCESSORIES
Order Number
Description
001-0001
2.4GHz Dipole Antenna with Reverse Polarity
SMA Connector
080-0001
U.FL to Reverse Polarity SMA Bulkhead Cable
105mm
Table 2 Module Accessories



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com