Electronic Components Datasheet Search
  English  ▼

X  

BTA Datasheet(PDF) 3 Page - Bellnix Co.,Ltd.

Part # BTA
Description  The Fifth Generation, Ultra Small Size, Isolated DC-DC Converter
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELLNIX [Bellnix Co.,Ltd.]
Direct Link  http://www.bellnix.com/
Logo BELLNIX - Bellnix Co.,Ltd.

BTA Datasheet(HTML) 3 Page - Bellnix Co.,Ltd.

  BTA Datasheet HTML 1Page - Bellnix Co.,Ltd. BTA Datasheet HTML 2Page - Bellnix Co.,Ltd. BTA Datasheet HTML 3Page - Bellnix Co.,Ltd. BTA Datasheet HTML 4Page - Bellnix Co.,Ltd. BTA Datasheet HTML 5Page - Bellnix Co.,Ltd. BTA Datasheet HTML 6Page - Bellnix Co.,Ltd. BTA Datasheet HTML 7Page - Bellnix Co.,Ltd. BTA Datasheet HTML 8Page - Bellnix Co.,Ltd. BTA Datasheet HTML 9Page - Bellnix Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
The Fifth Generation, Ultra Small Size, Isolated DC-DC Converter
1.5Watt BTA Series
3
DC-DC Converter
BDD20081
203
1- Application Range
This datasheet applies to the isolated DC/DC converter, BTA series.
2- Model/Rating
Model
Rating Input
Voltage
Rating Output
Package
BTA05-03S40D
DIP
BTA05-03S40S
3.3V, 400mA
SMD
BTA05-05S30D
DIP
BTA05-05S30S
5.0V, 300mA
SMD
BTA05-12S12D
DIP
BTA05-12S12S
12V, 125mA
SMD
BTA05-12W06D
DIP
BTA05-12W06S
DC5V
±12V, each60mA
SMD
BTA12-03S40D
DIP
BTA12-03S40S
3.3V, 400mA
SMD
BTA12-05S30D
DIP
BTA12-05S30S
5.0V, 300mA
SMD
BTA12-12S12D
DIP
BTA12-12S12S
12V, 125mA
SMD
BTA12-12W06D
DIP
BTA12-12W06S
DC12V
±12V, each60mA
SMD
BTA24-03S40D
DIP
BTA24-03S40S
3.3V, 400mA
SMD
BTA24-05S30D
DIP
BTA24-05S30S
5.0V, 300mA
SMD
BTA24-12S12D
DIP
BTA24-12S12S
12V, 125mA
SMD
BTA24-12W06D
DIP
BTA24-12W06S
DC24V
±12V, each60mA
SMD
BTA48-03S40D
DIP
BTA48-03S40S
3.3V, 400mA
SMD
BTA48-05S30D
DIP
BTA48-05S30S
5.0V, 300mA
SMD
BTA48-12S12D
DIP
BTA48-12S12S
12V, 125mA
SMD
BTA48-12W06D
DIP
BTA48-12W06S
DC48V
±12V, each60mA
SMD
3- Environmental Condition
3-1 Temp. range
When Operating : 40°C to 85°C (Derating required from 50°C)
When Storage : −40°C to 85°C
3-2 Humidity Range
When Operating : 95%R.H. max. (Max. wet-bulb temp. 38°C, non-condensing)
When storage : 95%R.H. max. (Max. wet-bulb temp. 38°C, non-condensing)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com