Electronic Components Datasheet Search
  English  ▼

X  

BTA Datasheet(PDF) 7 Page - Bellnix Co.,Ltd.

Part # BTA
Description  The Fifth Generation, Ultra Small Size, Isolated DC-DC Converter
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELLNIX [Bellnix Co.,Ltd.]
Direct Link  http://www.bellnix.com/
Logo BELLNIX - Bellnix Co.,Ltd.

BTA Datasheet(HTML) 7 Page - Bellnix Co.,Ltd.

Back Button BTA Datasheet HTML 3Page - Bellnix Co.,Ltd. BTA Datasheet HTML 4Page - Bellnix Co.,Ltd. BTA Datasheet HTML 5Page - Bellnix Co.,Ltd. BTA Datasheet HTML 6Page - Bellnix Co.,Ltd. BTA Datasheet HTML 7Page - Bellnix Co.,Ltd. BTA Datasheet HTML 8Page - Bellnix Co.,Ltd. BTA Datasheet HTML 9Page - Bellnix Co.,Ltd. BTA Datasheet HTML 10Page - Bellnix Co.,Ltd. BTA Datasheet HTML 11Page - Bellnix Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
The Fifth Generation, Ultra Small Size, Isolated DC-DC Converter
1.5Watt BTA Series
7
DC-DC Converter
BDD2008
1203
5. Outline and Pin
5-1 DIP type
1- Outline
(1.905)
t=0.3
Bottom View
The outline of the 8 to 11pin is the
figure where each pin is viewed
from the front side of each pin.
(1.905)
7-0.3X0.6
1
2
3
4
5
6
7
8
9
1
0
1
1
No.8,
9
No.10,1
1
12.7
16.51 typ.
17.1 max.(16.6 typ.)
17.3 max.
2.7
1.0
2.7
Model name and Manufacturing LOT no. is indicated on upper side.
2- Recommended dimension of the board,Pin function
12.7
16.51
7-φ1.0
2-φ1.5
Upper surface patten is
prohibited due to stand
offs
Top View
1
2
34
5
6
7
9
10
11
8
1.905
Function
Pin
BTA-S
BTA-W
1
+Vin
+Vin
2
ON/OFF
ON/OFF
3
−Vin
−Vin
4
NC
−Vout
5
−Vout
Common
6
Vadj
Vadj
7
+Vout
+Vout
8, 9
Connected to
Case
Connected to
Case
10, 11
Stand off
Stand off
Dimensions : mm
Dimensions : mm
Tolerance unless otherwise specified:±0.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com