Electronic Components Datasheet Search
  English  ▼

X  

BTA Datasheet(PDF) 2 Page - Bellnix Co.,Ltd.

Part # BTA
Description  The Fifth Generation, Ultra Small Size, Isolated DC-DC Converter
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELLNIX [Bellnix Co.,Ltd.]
Direct Link  http://www.bellnix.com/
Logo BELLNIX - Bellnix Co.,Ltd.

BTA Datasheet(HTML) 2 Page - Bellnix Co.,Ltd.

  BTA Datasheet HTML 1Page - Bellnix Co.,Ltd. BTA Datasheet HTML 2Page - Bellnix Co.,Ltd. BTA Datasheet HTML 3Page - Bellnix Co.,Ltd. BTA Datasheet HTML 4Page - Bellnix Co.,Ltd. BTA Datasheet HTML 5Page - Bellnix Co.,Ltd. BTA Datasheet HTML 6Page - Bellnix Co.,Ltd. BTA Datasheet HTML 7Page - Bellnix Co.,Ltd. BTA Datasheet HTML 8Page - Bellnix Co.,Ltd. BTA Datasheet HTML 9Page - Bellnix Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
The Fifth Generation, Ultra Small Size, Isolated DC-DC Converter
1.5Watt BTA Series
2
DC-DC Converter
BDD20081
203
<Specification>
Table2
Input Voltage Range
Refer to Table 1
Rating Output Voltage
3.3V±3%, 5V±3%, 12V±3%, ±12V±5% (Vadj pin at open)
Adjustable Output Voltage
Range
3.15 to 3.6V (For 3.3V), 4.75 to 6.0V (For 5V), 11.4 to 15V (For 12V), ±11.4 to ±15V (For 12V)
Line Regulation
Please refer to Table1 (rating Output, for the regulation of Input Voltage Range of Table1)
Load Regulation
Refer to table1 (Rating Input/Output Voltage, for the regulation of load 0 to 100% (±Output is
when load is at balance))
Temp. Regulation
80mV max. (For 3.3V, 5V), 200mV max. (For 12V), 300mV max. (For ±12V)
(Input/Output rating, For operating temp. -40°C to 50°C)
Ripple/Noise
Refer to Table 1 (Rating Input/Output, At room temp, 20MHz bandwidth)
Efficiency
70% to 82% typ. (Rating Input/Output, At room temp., Refer to table 1)
Over Current Protection
Circuit
Operates at 105% or more rating load current, auto recovery type. Avoid long time short-circuit
Condition.
Over Voltage Protection
Circuit
None
Low Input Voltage
Protection
Available (Refer to p.11)
Over Input Current
Protection
Built-in fuse in the input (refer to p.12)
Remote ON/OFF
Between 2pin (ON/OFF) and -3pin (−Vin) : Output goes OFF at open, Output goes ON when in
short. (Refer to p.9)
Stand by Current
0.6 to 2.4mA typ. (Depend on the model)
Isolation Voltage
Input−Output,Input−Case, Output−Case AC500V 1min.
Isolation resistance
Input−Output,Input−Case, Output−Case Over 50MΩ at DC500V.
Primary-Secondary
capacitance
Approx. 60 to 140pF (Depend on the model)
Operating Temp. Range
Operating Temp. -40°C to 85°C (Need temp. derating from 50°C)
Storage Temp. Range
Storage Temp.-40°C to 85°C
Humidity Range
Humidity range 95%R.H. max. (Max. wet bulb 38°C, non-condensing)
Cooling Condition
Air Convention (Set in a place where good convection is ensured)
Vibration
10 to 55Hz All amplitude 1.52mmp-p (2 hours in each orthogonal axes), Scanning time 15min.
Shock
Acceleration 100G (3directions, 3times each, 18times in total), Persistent time 6ms
Weight
3.2g typ.
DIP type W=16.6 L=16.8 H=8.4 typ. (mm) (For detail dimensions, refer to the outline on p.7)
Outline
SMD type W=16.6 L=19.8 H=8.5 typ.(mm) (For detail dimensions, refer to the outline on p.7)
NOTE : Unless condition is specified, above specification is regulated as rating value.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com