Electronic Components Datasheet Search
  English  ▼

X  

BTA Datasheet(PDF) 1 Page - Bellnix Co.,Ltd.

Part # BTA
Description  The Fifth Generation, Ultra Small Size, Isolated DC-DC Converter
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELLNIX [Bellnix Co.,Ltd.]
Direct Link  http://www.bellnix.com/
Logo BELLNIX - Bellnix Co.,Ltd.

BTA Datasheet(HTML) 1 Page - Bellnix Co.,Ltd.

  BTA Datasheet HTML 1Page - Bellnix Co.,Ltd. BTA Datasheet HTML 2Page - Bellnix Co.,Ltd. BTA Datasheet HTML 3Page - Bellnix Co.,Ltd. BTA Datasheet HTML 4Page - Bellnix Co.,Ltd. BTA Datasheet HTML 5Page - Bellnix Co.,Ltd. BTA Datasheet HTML 6Page - Bellnix Co.,Ltd. BTA Datasheet HTML 7Page - Bellnix Co.,Ltd. BTA Datasheet HTML 8Page - Bellnix Co.,Ltd. BTA Datasheet HTML 9Page - Bellnix Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
The Fifth Generation, Ultra Small Size, Isolated DC-DC Converter
1.5Watt BTA Series
1
DC-DC Converter
BDD20081
203
BTA series is a thin, high efficiency, low noise isolated DC-DC converter.
Contrived to adopt new circuit to achieve miniaturization. Circuit construction is high-efficiency and simple.
Adjustable output voltage and remote ON/OFF control has been added as a new function.
<Features>
<Model, Rating>
Table 1
Model
Input V
Vdc
Output V
Vdc
Output I
mA
Line Reg.
mV(max.)
Load Reg.
mV(max.)
Noise
mVpp(typ.)
Efficiency
%(typ.)
BTA05-03S40□
3.3
0 to 400
71
BTA05-05S30□
5
0 to 300
20
40
40
77
BTA05-12S12□
12(15)
0 to 125 (100)
40
100
80
BTA05-12W06□
4.5 to 9
±12(±15)
0 to 60 (50)
80
600
30
79
BTA12-03S40□
3.3
0 to 400
73
BTA12-05S30□
5
0 to 300
20
40
40
78
BTA12-12S12□
12(15)
0 to 125 (100)
40
100
82
BTA12-12W06□
9 to 18
±12(±15)
0 to 60 (50)
80
600
30
81
BTA24-03S40□
3.3
0 to 400
72
BTA24-05S30□
5
0 to 300
20
40
40
77
BTA24-12S12□
12(15)
0 to 125 (100)
40
100
81
BTA24-12W06□
18 to 36
±12(±15)
0 to 60 (50)
80
600
30
79
BTA48-03S40□
3.3
0 to 400
70
BTA48-05S30□
5
0 to 300
20
40
40
75
BTA48-12S12□
12(15)
0 to 125 (100)
40
100
80
BTA48-12W06□
36 to 76
±12(±15)
0 to 60 (50)
80
600
30
79
Note1 : Specify the type in the □ column of the model name. D:DIP type, S:SMD type
Ex.) DIP type: BTA05-03S40D, SMD type: BTA05-03S40S
Note2 : The Output voltage inside () is when it is short between Vadj and –Vout.
Note3 : The output current inside () is when adjusted to the max. output voltage.
-Adjustable Output Voltage
-Remote ON/OFF Control
-Dual Power Supply usable as Single Power Supply
-Isolation Voltage AC500V
-Built-in over-Current Protection
-Built-in Low Input Voltage Protection
-Built-in Over Input Current Protection element
-No electrolytic Capacitor, No Tantalum Capacitor
-MTTF 2,000,000 Hrs
-Metallic Shield Cover
-Halogen-Free PCB Used
-Between
Primary
and
Secondary
combination
capacitance approx. 60 to 140pF
-Operating Temp. Range -40°C to 85°C
(Temp. Derating required)
-RoHS Compliance


Similar Part No. - BTA

ManufacturerPart #DatasheetDescription
logo
Apex Electronics Co., L...
BTA APEX-ELECTRONICS-BTA Datasheet
922Kb / 6P
Toggle switch, IP67, multiple circuitry, termination, and caps
logo
Continental Device Indi...
BTA-600 CDIL-BTA-600 Datasheet
130Kb / 2P
Triac Series
BTA-800 CDIL-BTA-800 Datasheet
130Kb / 2P
Triac Series
logo
SYC Electronica
BTA-B08-600C SYC-BTA-B08-600C Datasheet
189Kb / 10P
SNUBBERLESS™, LOGIC LEVEL & STANDARD
BTA-B24-600BW SYC-BTA-B24-600BW Datasheet
189Kb / 9P
SNUBBERLESS™ & STANDARD
More results

Similar Description - BTA

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SPS1R5 ETC2-SPS1R5 Datasheet
215Kb / 2P
Small size Isolated DC/DC Converters
logo
Volgen Kaga Electronics...
VY05-05S30L VOLGEN-VY05-05S30L Datasheet
267Kb / 2P
Small Size, Long-Life, Isolated Type DC-DC Converter
logo
Bellnix Co.,Ltd.
BR-LB BELLNIX-BR-LB Datasheet
184Kb / 1P
Ultra Low Noise, Small Size, Isolated Type DC-DC Converter
BR-S BELLNIX-BR-S Datasheet
218Kb / 1P
Ultra Low Noise, Small Size, Isolated Type DC-DC Converter
BSA BELLNIX-BSA Datasheet
214Kb / 1P
High Efficiency, Ultra Small Size, Non-Isolated Type POL DC-DC Converter
BSI-24 BELLNIX-BSI-24 Datasheet
190Kb / 1P
High Efficiency, Ultra Small Size, Non-Isolated Type POL DC-DC Converter
BSI-MINI BELLNIX-BSI-MINI Datasheet
224Kb / 1P
Ultra High Efficiency, Ultra Small Size, Non-Isolated Type POL DC-DC Converter
BTB BELLNIX-BTB Datasheet
700Kb / 14P
The Fifth Generation, Ultra Small Size, isolated Type DC-DC Converter
BTC BELLNIX-BTC Datasheet
1Mb / 14P
The Fifth Generation, Ultra Small Size, isolated DC-DC Conveter
BTD BELLNIX-BTD Datasheet
1Mb / 14P
The Fitfth Generation, Ultra Small Size, Isolated DC-DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com