Electronic Components Datasheet Search
  English  ▼

X  

BTA Datasheet(PDF) 4 Page - Bellnix Co.,Ltd.

Part # BTA
Description  The Fifth Generation, Ultra Small Size, Isolated DC-DC Converter
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELLNIX [Bellnix Co.,Ltd.]
Direct Link  http://www.bellnix.com/
Logo BELLNIX - Bellnix Co.,Ltd.

BTA Datasheet(HTML) 4 Page - Bellnix Co.,Ltd.

  BTA Datasheet HTML 1Page - Bellnix Co.,Ltd. BTA Datasheet HTML 2Page - Bellnix Co.,Ltd. BTA Datasheet HTML 3Page - Bellnix Co.,Ltd. BTA Datasheet HTML 4Page - Bellnix Co.,Ltd. BTA Datasheet HTML 5Page - Bellnix Co.,Ltd. BTA Datasheet HTML 6Page - Bellnix Co.,Ltd. BTA Datasheet HTML 7Page - Bellnix Co.,Ltd. BTA Datasheet HTML 8Page - Bellnix Co.,Ltd. BTA Datasheet HTML 9Page - Bellnix Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
The Fifth Generation, Ultra Small Size, Isolated DC-DC Converter
1.5Watt BTA Series
4
DC-DC Converter
BDD20081
203
4-Specification
4-1 Input Condition, Output Characteristics
When condition is not mentioned in this data sheet, input is rating input, output is rating output,
ambient temp. is 25°C±5°C.
Max. Output Voltage
Constancy.
Model
*1
Input
Voltage
(V)
Output
Voltage
*2 (V) *2
Output
Current
(mA)
Input(m
V)
Load(m
V)
Temp.
*4 (mV)
Output
Ripple/Noise
*5
(mVp-p)typ./ max.
Efficiency
(%)typ.
*6
BTA05-03S40□
3.3±3%
0 to 400
20
40
80
40 / 120
71
BTA05-05S30□
5.0±3%
0 to 300
20
40
80
40 / 120
77
12±3%
0 to 125
40
100
200
30 / 120
80
BTA05-12S12□
15±3%
0 to 100
40
100
200
30 / 120
80
±12±5%
0 to 60 × 2
80
600
300
30 / 120
79
BTA05-12W06□
4.5 to 9
±15±5%
0 to 50 × 2
80
600
300
30 / 120
79
BTA12-03S40□
3.3±3%
0 to 400
20
40
80
40 / 120
73
BTA12-05S30□
5.0±3%
0 to 300
20
40
80
40 / 120
78
12±3%
0 to 125
40
100
200
30 / 120
82
BTA12-12S12□
15±3%
0 to 100
40
100
200
30 / 120
82
±12±5%
0 to 60 × 2
80
600
300
30 / 120
81
BTA12-12W06□
9 to 18
±15±5%
0 to 50 × 2
80
600
300
30 / 120
81
BTA24-03S40□
3.3±3%
0 to 400
20
40
80
40 / 120
72
BTA24-05S30□
5.0±3%
0 to 300
20
40
80
40 / 120
77
12±3%
0 to 125
40
100
200
30 / 120
81
BTA24-12S12□
15±3%
0 to 100
40
100
200
30 / 120
81
±12±5%
0 to 60 × 2
80
600
300
30 / 120
79
BTA24-12W06□
18 to 36
±15±5%
0 to 50 × 2
80
600
300
30 / 120
79
BTA48-03S40□
3.3±3%
0 to 400
20
40
80
40 / 120
70
BTA48-05S30□
5.0±3%
0 to 300
20
40
80
40 / 120
75
12±3%
0 to 125
40
100
200
30 / 120
80
BTA48-12S12□
15±3%
0 to 100
40
100
200
30 / 120
80
±12±5%
0 to 60 × 2
80
600
300
30 / 120
79
BTA48-12W06□
36 to 76
±15±5%
0 to 50 × 2
80
600
300
30 / 120
79
*1 Specify the package in □column. D: DIP type(Flow)S: SMD type(Reflow)
*2 Output Voltage includes line regulation, load
regulation(Balance Load), temp. regulation.
*3 2 output type is when 2 output type has same current.
*4 For temp. regulation –40 to 50°C.
*5 Bandwidth 20MHz
*6 When Rating Input Voltage, max. Output Current.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com