Electronic Components Datasheet Search
  English  ▼

X  

BGA3021 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # BGA3021
Description  1.2 GHz 16 dB gain CATV amplifier
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BGA3021 Datasheet(HTML) 3 Page - NXP Semiconductors

  BGA3021 Datasheet HTML 1Page - NXP Semiconductors BGA3021 Datasheet HTML 2Page - NXP Semiconductors BGA3021 Datasheet HTML 3Page - NXP Semiconductors BGA3021 Datasheet HTML 4Page - NXP Semiconductors BGA3021 Datasheet HTML 5Page - NXP Semiconductors BGA3021 Datasheet HTML 6Page - NXP Semiconductors BGA3021 Datasheet HTML 7Page - NXP Semiconductors BGA3021 Datasheet HTML 8Page - NXP Semiconductors BGA3021 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
BGA3021
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2015. All rights reserved.
Product data sheet
Rev. 2 — 25 February 2015
3 of 14
NXP Semiconductors
BGA3021
1.2 GHz 16 dB gain CATV amplifier
4.
Limiting values
[1]
Pi = 17 dBm on AMPA_IN (pin 1) and AMPB_IN (pin 4).
5.
Thermal characteristics
[1]
Case is ground solder pad.
[2]
Thermal resistance measured using infrared measurement technique, device mounted on application board
and placed in still air.
Table 4.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
VCC
supply voltage
RF input AC coupled
0.6 +12
V
VI(CTRL)
input voltage on pin CTRL
0.6 +8
V
VI(TMP_SENS)
input voltage on pin TMP_SENS
0.6 +8
V
Pi
input power
single tone; on balun
[1] -20
dBm
Tstg
storage temperature
65
+150
C
Tj
junction temperature
-
150
C
Tamb
ambient temperature
40
+85
C
VESD
electrostatic discharge voltage
Human Body Model (HBM);
According JEDEC standard 22-A114E
2-
kV
Charged Device Model (CDM);
According JEDEC standard 22-C101B
500
-
V
Table 5.
Thermal characteristics
Symbol
Parameter
Conditions
Typ
Unit
Rth(j-c)
thermal resistance from junction to case
[1][2] 15
K/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com