Electronic Components Datasheet Search
  English  ▼

X  

BGA3021 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # BGA3021
Description  1.2 GHz 16 dB gain CATV amplifier
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BGA3021 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button BGA3021 Datasheet HTML 4Page - NXP Semiconductors BGA3021 Datasheet HTML 5Page - NXP Semiconductors BGA3021 Datasheet HTML 6Page - NXP Semiconductors BGA3021 Datasheet HTML 7Page - NXP Semiconductors BGA3021 Datasheet HTML 8Page - NXP Semiconductors BGA3021 Datasheet HTML 9Page - NXP Semiconductors BGA3021 Datasheet HTML 10Page - NXP Semiconductors BGA3021 Datasheet HTML 11Page - NXP Semiconductors BGA3021 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
BGA3021
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2015. All rights reserved.
Product data sheet
Rev. 2 — 25 February 2015
8 of 14
NXP Semiconductors
BGA3021
1.2 GHz 16 dB gain CATV amplifier
See Table 9 for list of components.
Fig 3.
Printed-Circuit Board (PCB) layout MPA only evaluation board
Table 9.
List of components
See Figure 2 for schematics and Figure 3 for Printed-Circuit Board (PCB).
Component
Description
Value
Remarks
C1, C3, C4, C5, C9,
C11, C12, C13
capacitor
10 nF
Murata GRM155R71E103KA01D
C2
capacitor
0.47 pF
Phycomp 2238 869 14477
C10
capacitor
100 nF
Murata GRM155R61A104KA01D
C6, C7, C14, C15
capacitor
1 pF
Murata GRM1555C1H1R0CA01D
J1, J2
F-connector
75
Bomar 861V509ER6
J3
header 6-pin
-
Molex 22-29-2061
L1
SMD inductor
1.0 nH
Murata LQG15HS1N0S02D
L2, L3
choke
-
Murata BLM15HD182SN1D
R3
chip resistor
15
Yageo RC0402FR-0715RL
R4
chip resistor
0
Murata RC0402JR-070RL
T1
balun transformer
-
MACOM MABA-007159-000000
T2
balun transformer
-
MACOM MABA-010245-CT1160
U1
BGA3021
-
NXP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com