Electronic Components Datasheet Search
  English  ▼

X  

BGA3021 Datasheet(PDF) 11 Page - NXP Semiconductors

Part # BGA3021
Description  1.2 GHz 16 dB gain CATV amplifier
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BGA3021 Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button BGA3021 Datasheet HTML 6Page - NXP Semiconductors BGA3021 Datasheet HTML 7Page - NXP Semiconductors BGA3021 Datasheet HTML 8Page - NXP Semiconductors BGA3021 Datasheet HTML 9Page - NXP Semiconductors BGA3021 Datasheet HTML 10Page - NXP Semiconductors BGA3021 Datasheet HTML 11Page - NXP Semiconductors BGA3021 Datasheet HTML 12Page - NXP Semiconductors BGA3021 Datasheet HTML 13Page - NXP Semiconductors BGA3021 Datasheet HTML 14Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
BGA3021
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2015. All rights reserved.
Product data sheet
Rev. 2 — 25 February 2015
11 of 14
NXP Semiconductors
BGA3021
1.2 GHz 16 dB gain CATV amplifier
9.
Abbreviations
10. Revision history
Table 10.
Abbreviations
Acronym
Description
CATV
Community Antenna TeleVision
FTTx
Fiber To The “x”
MMIC
Monolithic Microwave Integrated Circuit
MPA
Medium Power Amplifier
SMD
Surface Mounted Device
Table 11.
Revision history
Document ID
Release date
Data sheet status
Change notice
Supersedes
BGA3021 v.2
20150225
Product data sheet
-
BGA3021 v.1
BGA3021 v.1
20141128
Preliminary data sheet
-
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com