Electronic Components Datasheet Search
  English  ▼

X  

BGA3021 Datasheet(PDF) 1 Page - NXP Semiconductors

Part # BGA3021
Description  1.2 GHz 16 dB gain CATV amplifier
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BGA3021 Datasheet(HTML) 1 Page - NXP Semiconductors

  BGA3021 Datasheet HTML 1Page - NXP Semiconductors BGA3021 Datasheet HTML 2Page - NXP Semiconductors BGA3021 Datasheet HTML 3Page - NXP Semiconductors BGA3021 Datasheet HTML 4Page - NXP Semiconductors BGA3021 Datasheet HTML 5Page - NXP Semiconductors BGA3021 Datasheet HTML 6Page - NXP Semiconductors BGA3021 Datasheet HTML 7Page - NXP Semiconductors BGA3021 Datasheet HTML 8Page - NXP Semiconductors BGA3021 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
1.
Product profile
1.1 General description
The BGA3021 MMIC is a dual wideband amplifier with internal biasing. It is a Medium
Power Amplifier (MPA), specifically designed as an output stage for high linearity CATV
optical mini- and midi-nodes, operating over a frequency range of 40 MHz to 1200 MHz.
The MPA is housed in a lead free 8-pin HSO8 package.
1.2 Features and benefits
1.3 Applications
CATV infrastructure network medium power output stage in optical nodes (FTTx),
distribution amplifiers, trunk amplifiers and line extenders
1.4 Quick reference data
[1]
Fundamental frequency f1 = 500 MHz, fundamental frequency f2 = 501 MHz. The intermodulation product (IM3) is measured at
2
f
1  f2 = 499 MHz. The output power of the fundamental frequencies is 10 dBm per frequency.
[2]
Fundamental frequency f1 = 240 MHz, fundamental frequency f2 = 260 MHz. The intermodulation product (IM2) is measured at
f1 +f2 = 500 MHz. The output power of the fundamental frequencies is 10 dBm per frequency.
BGA3021
1.2 GHz 16 dB gain CATV amplifier
Rev. 2 — 25 February 2015
Product data sheet
Internally biased
High gain output 1dB compression
point of 30 dBm
Frequency range of 40 MHz to 1200 MHz
75
 input and output impedance
High linearity with an IP3O of 47 dBm and
an IP2O of 85 dBm
ICC(tot) can be controlled between
175 mA and 350 mA
Operating from 5 V to 8 V supply
Integrated feedback
Table 1.
Quick reference data
Tamb =25 C; typical values at VCC = 8 V; ZS =ZL =75 ; input and output connected with 1:1 balun, VI(CTRL) = 3.3 V or open
(maximum total supply current); 40 MHz
f
1 1200 MHz unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VCC
supply voltage
RF input AC coupled
7.6
8.0
8.4
V
ICC(tot)
total supply current
175
350
-
mA
Tamb
ambient temperature
40
-
+85
C
PL(1dB)
output power at 1 dB gain compression
-
30
-
dBm
IP3O
output third-order intercept point
[1] -47
-
dBm
IP2O
output second-order intercept point
[2] -85
-
dBm


Similar Part No. - BGA3021

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BGA3021 PHILIPS-BGA3021_15 Datasheet
220Kb / 14P
1.2 GHz 16 dB gain CATV amplifier
Rev. 2-25 February 2015
More results

Similar Description - BGA3021

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
ACA2782 ANADIGICS-ACA2782 Datasheet
522Kb / 3P
1 GHz, 21 dB Gain CATV Power Doubler Amplifier
Rev 0.0
ACA2786 ANADIGICS-ACA2786 Datasheet
507Kb / 3P
1 GHz, 25 dB Gain CATV Power Doubler Amplifier
Rev 0.0
ACA2788 ANADIGICS-ACA2788 Datasheet
364Kb / 4P
1 GHz, 28 dB Gain CATV Power Doubler Amplifier
logo
NXP Semiconductors
BGA3021 PHILIPS-BGA3021_15 Datasheet
220Kb / 14P
1.2 GHz 16 dB gain CATV amplifier
Rev. 2-25 February 2015
BGA3022 PHILIPS-BGA3022_15 Datasheet
220Kb / 14P
1.2 GHz 18 dB gain CATV amplifier
Rev. 2-25 February 2015
BGA3023 PHILIPS-BGA3023_15 Datasheet
220Kb / 14P
1.2 GHz 20 dB gain CATV amplifier
Rev. 2-25 February 2015
logo
Skyworks Solutions Inc.
ACA2786 SKYWORKS-ACA2786 Datasheet
487Kb / 6P
1 GHz, 25 dB Gain CATV Power Doubler Amplifier
ACA2788 SKYWORKS-ACA2788 Datasheet
478Kb / 6P
1 GHz, 28 dB Gain CATV Power Doubler Amplifier
logo
NXP Semiconductors
BGA3022 NXP-BGA3022 Datasheet
220Kb / 14P
1.2 GHz 18 dB gain CATV amplifier
Rev. 2-25 February 2015
BGA3023 NXP-BGA3023 Datasheet
220Kb / 14P
1.2 GHz 20 dB gain CATV amplifier
Rev. 2-25 February 2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com