Electronic Components Datasheet Search
  English  ▼

X  

BGA3021 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # BGA3021
Description  1.2 GHz 16 dB gain CATV amplifier
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BGA3021 Datasheet(HTML) 5 Page - NXP Semiconductors

  BGA3021 Datasheet HTML 1Page - NXP Semiconductors BGA3021 Datasheet HTML 2Page - NXP Semiconductors BGA3021 Datasheet HTML 3Page - NXP Semiconductors BGA3021 Datasheet HTML 4Page - NXP Semiconductors BGA3021 Datasheet HTML 5Page - NXP Semiconductors BGA3021 Datasheet HTML 6Page - NXP Semiconductors BGA3021 Datasheet HTML 7Page - NXP Semiconductors BGA3021 Datasheet HTML 8Page - NXP Semiconductors BGA3021 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
BGA3021
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2015. All rights reserved.
Product data sheet
Rev. 2 — 25 February 2015
5 of 14
NXP Semiconductors
BGA3021
1.2 GHz 16 dB gain CATV amplifier
[1]
Flatness is defined as peak deviation to straight line.
[2]
Fundamental frequency f1 = 500 MHz, fundamental frequency f2 = 501 MHz. The intermodulation product
(IM3) is measured at 2
f
1  f2 = 499 MHz. The output power of the fundamental frequencies is 10 dBm
per frequency.
[3]
Fundamental frequency f1 = 240 MHz, fundamental frequency f2 = 260 MHz. The intermodulation product
(IM2) is measured at f1 +f2 = 500 MHz. The output power of the fundamental frequencies is 10 dBm per
frequency.
[4]
Measured with 79 NTSC channels.
Table 7.
Characteristics at VCC = 8 V; ICC = 175 mA
Tamb = 25 C; typical values at VCC = 8 V; ZS =ZL =75 ; input and output connected with
1:1 balun, VI(CTRL) = 0 V (minimum total supply current); 40 MHz f1 1200 MHz unless otherwise
specified.
Symbol Parameter
Conditions
Min Typ
Max Unit
VCC
supply voltage
RF input AC coupled
7.6
8.0
8.4
V
ICC(tot)
total supply current
-
175
-
mA
s
21
2
insertion power gain
f = 40 MHz
-
16.2
-
dB
SLsl
slope straight line
-
1.9
-
dB
FL
flatness of
frequency response
[1] -0.25
-
dB
PL(1dB)
output power at
1 dB gain compression
-26-
dBm
IP3O
output third-order
intercept point
[2] -38-
dBm
IP2O
output second-order
intercept point
[3] -68-
dBm
CTB
composite triple beat
VO = 35 dBmV
[4] -
66
-
dBc
CSO
composite second-order
distortion
VO = 35 dBmV
[4] -
75
-
dBc
NF
noise figure
f = 500 MHz
-
4.1
-
dB
RLin
input return loss
f = 40 MHz to 80 MHz
-
19
-
dB
f = 80 MHz to 160 MHz
-
21
-
dB
f = 160 MHz to 320 MHz
-
20
-
dB
f = 320 MHz to 640 MHz
-
20
-
dB
f = 640 MHz to 1000 MHz
-
20
-
dB
f = 1000 MHz to 1200 MHz
-
13
-
dB
RLout
output return loss
f = 40 MHz to 80 MHz
-
23
-
dB
f = 80 MHz to 160 MHz
-
22
-
dB
f = 160 MHz to 320 MHz
-
18
-
dB
f = 320 MHz to 640 MHz
-
18
-
dB
f = 640 MHz to 1000 MHz
-
18
-
dB
f = 1000 MHz to 1200 MHz
-
14
-
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com