Electronic Components Datasheet Search
  English  ▼

X  

A1373LKB Datasheet(PDF) 11 Page - Allegro MicroSystems

Part # A1373LKB
Description  HIgh Precision, Output Pin Programmable Linear Hall Effect Sensors
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A1373LKB Datasheet(HTML) 11 Page - Allegro MicroSystems

Back Button A1373LKB Datasheet HTML 7Page - Allegro MicroSystems A1373LKB Datasheet HTML 8Page - Allegro MicroSystems A1373LKB Datasheet HTML 9Page - Allegro MicroSystems A1373LKB Datasheet HTML 10Page - Allegro MicroSystems A1373LKB Datasheet HTML 11Page - Allegro MicroSystems A1373LKB Datasheet HTML 12Page - Allegro MicroSystems A1373LKB Datasheet HTML 13Page - Allegro MicroSystems A1373LKB Datasheet HTML 14Page - Allegro MicroSystems A1373LKB Datasheet HTML 15Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
11
A1373-DS, Rev. 3
Worcester, Massachusetts 01615-0036 (508) 853-5000
115 Northeast Cutoff, Box 15036
www.allegromicro.com
Allegro MicroSystems, Inc.
High Precision, Output Pin Programmable, Linear Hall Effect Sensors
A1373 and A1374
-50
-25
0
25
50
75
100
125
150
VOUT(sat)+
VOUT(sat)–
0
1
2
3
4
5
-50
-25
0
25
50
75
100
125
150
Temperature (°C)
10% High Clamp
10% Low Clamp
20% High Clamp
20% Low Clamp
Average Clamp Values
Temperature (°C)
Average Saturation Voltage
0
1
2
3
4
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com