Electronic Components Datasheet Search
  English  ▼

X  

A1373LKB Datasheet(PDF) 14 Page - Allegro MicroSystems

Part # A1373LKB
Description  HIgh Precision, Output Pin Programmable Linear Hall Effect Sensors
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A1373LKB Datasheet(HTML) 14 Page - Allegro MicroSystems

Back Button A1373LKB Datasheet HTML 10Page - Allegro MicroSystems A1373LKB Datasheet HTML 11Page - Allegro MicroSystems A1373LKB Datasheet HTML 12Page - Allegro MicroSystems A1373LKB Datasheet HTML 13Page - Allegro MicroSystems A1373LKB Datasheet HTML 14Page - Allegro MicroSystems A1373LKB Datasheet HTML 15Page - Allegro MicroSystems A1373LKB Datasheet HTML 16Page - Allegro MicroSystems A1373LKB Datasheet HTML 17Page - Allegro MicroSystems A1373LKB Datasheet HTML 18Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 23 page
background image
14
A1373-DS, Rev. 3
Worcester, Massachusetts 01615-0036 (508) 853-5000
115 Northeast Cutoff, Box 15036
www.allegromicro.com
Allegro MicroSystems, Inc.
High Precision, Output Pin Programmable, Linear Hall Effect Sensors
A1373 and A1374
Characteristic Definitions
Quiescent Output Voltage.
In the quiescent state (no signifi-
cant magnetic field: B = 0), the output, VOUTQ, equals a ratio of
the supply voltage, VCC, throughout the entire operating ranges
of VCC and ambient temperature, TA. Due to internal compo-
nent tolerances and thermal considerations, however, there is
a tolerance on the quiescent output voltage, ΔVOUTQ, which is
a function of both ΔVCC and ΔTA. For purposes of specifica-
tion, the quiescent output voltage as a function of temperature,
ΔVOUTQ(ΔT
A), is defined as:
where Sens is in mV/G, and the result is the device equivalent
accuracy, in gauss (G), applicable over the entire operating tem-
perature range.
Sensitivity.
The presence of a south-polarity (+B) magnetic
field, perpendicular to the branded face of the device package,
increases the output voltage, VOUT, in proportion to the magnetic
field applied, from VOUTQ toward the VCC rail. Conversely, the
application of a north polarity (–B) magnetic field, in the same
orientation, proportionally decreases the output voltage from its
quiescent value. This proportionality is specified as the magnetic
sensitivity of the device and is defined as:
The stability of the device magnetic sensitivity as a function of
ambient temperature, ΔSens (ΔT
A) (%) is defined as:
Ratiometric.
The A1373 and A1374 feature ratiometric
output. This means that the quiescent voltage output, VOUTQ,
magnetic sensitivity, Sens, and clamp voltage, VOUTCLP, are
proportional to the supply voltage, VCC.
The ratiometric change in the quiescent output voltage,
RATVOUT(Q) (%), is defined as:
the ratiometric change in sensitivity is defined as:
and the ratiometric change in clamp voltage is defined as:
Note that clamping effect is applicable only when clamping is
enabled by programming of the device.
Linearity and Symmetry.
The on-chip output stage is
designed to provide linear output at a supply voltage of 5 V.
Although the application of very high magnetic fields does not
damage these devices, it does force their output into a nonlinear
region. Linearity in percent is measured and defined as:
and output symmetry as:
ΔVOUTQ(ΔΤ
Α)
Sens(25ºC)
VOUTQ(Τ
Α)
VOUTQ(25ºC)
–
=
(1)
2B
VOUT(–B) VOUT(+B)
Sens
–
=
ΔSens(ΔΤ
Α)
Sens(Τ
Α)
Sens(25ºC)
Sens(25ºC)
–
=
× 100%
(2)
(3)
VCC
5V
VOUTQ(VCC)
VOUTQ(5V)
RATVOUT(Q) =
× 100%
(4)
VCC 5V
=
× 100%
RATSens
Sens(VCC)
Sens(5V)
(5)
=
× 100%
Lin+
2 (VOUT(+B½) –VVOUTQ )
–
VOUT(+B) VOUTQ
(7)
=
× 100%
Lin–
2(VOUT(–B½) –VOUTQ)
–
VOUT(–B) VOUTQ
(8)
–
=
× 100%
Sym
VOUT(+B)
VOUTQ –VOUT(–B)
VOUTQ
(9)
=
RATVCLP
VCC
5V
VCLP(VCC)
VCLP(5V)
× 100%
(6)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com