Electronic Components Datasheet Search
  English  ▼

X  

A1373LKB Datasheet(PDF) 16 Page - Allegro MicroSystems

Part # A1373LKB
Description  HIgh Precision, Output Pin Programmable Linear Hall Effect Sensors
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A1373LKB Datasheet(HTML) 16 Page - Allegro MicroSystems

Back Button A1373LKB Datasheet HTML 12Page - Allegro MicroSystems A1373LKB Datasheet HTML 13Page - Allegro MicroSystems A1373LKB Datasheet HTML 14Page - Allegro MicroSystems A1373LKB Datasheet HTML 15Page - Allegro MicroSystems A1373LKB Datasheet HTML 16Page - Allegro MicroSystems A1373LKB Datasheet HTML 17Page - Allegro MicroSystems A1373LKB Datasheet HTML 18Page - Allegro MicroSystems A1373LKB Datasheet HTML 19Page - Allegro MicroSystems A1373LKB Datasheet HTML 20Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 23 page
background image
16
A1373-DS, Rev. 3
Worcester, Massachusetts 01615-0036 (508) 853-5000
115 Northeast Cutoff, Box 15036
www.allegromicro.com
Allegro MicroSystems, Inc.
High Precision, Output Pin Programmable, Linear Hall Effect Sensors
A1373 and A1374
The midrange voltage level, VPM, is a neutral level, used to
separate both VPH and VPL pulses from each other. The nominal
level for VPM is 15 V.
The low level, VPL, pulse is used to indicate bitfield addresses
that are to be set. The device generates an internal pulse begin-
ning at the leading (falling) edge of a VPL pulse. The duration
of the internal pulse is 5 μs. Before allowing the voltage to
rise again, an additional guard band of 1 μs is recommended to
ensure that the pulse completes, for a total of at least 6 μs after
the start of any VPL pulse. The duration of the VPL pulse, ΔtPL,
is measured from the time when the external signal voltage falls
into the range 0 to 7.5 V to the time when it rises above 10 V. If
the voltage rises above 10 V before the 5 μs period expires, then
the VPL pulse will immediately end, with undefined results. The
nominal level for VPH is 5 V.
VPL must always be maintained high enough above VR (nomi-
nally 0 V) to maintain the settings provisionally latched into
registers. Note that, when the external voltage rises from VR
through the VPL range, a spurious internal pulse is generated,
making Code 0 not available in Mode Selection state. A spurious
internal pulse also is generated when the external voltage falls
through the VPL range at the end of a code sequence. For that
reason, it is mandatory to ensure that the voltage is dropped fully
to VR, before every Blow Fuse mode operation, to ensure that
the spurious pulse does not affect the next code sequence.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com