Electronic Components Datasheet Search
  English  ▼

X  

A1373LKB Datasheet(PDF) 18 Page - Allegro MicroSystems

Part # A1373LKB
Description  HIgh Precision, Output Pin Programmable Linear Hall Effect Sensors
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A1373LKB Datasheet(HTML) 18 Page - Allegro MicroSystems

Back Button A1373LKB Datasheet HTML 14Page - Allegro MicroSystems A1373LKB Datasheet HTML 15Page - Allegro MicroSystems A1373LKB Datasheet HTML 16Page - Allegro MicroSystems A1373LKB Datasheet HTML 17Page - Allegro MicroSystems A1373LKB Datasheet HTML 18Page - Allegro MicroSystems A1373LKB Datasheet HTML 19Page - Allegro MicroSystems A1373LKB Datasheet HTML 20Page - Allegro MicroSystems A1373LKB Datasheet HTML 21Page - Allegro MicroSystems A1373LKB Datasheet HTML 22Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 23 page
background image
18
A1373-DS, Rev. 3
Worcester, Massachusetts 01615-0036 (508) 853-5000
115 Northeast Cutoff, Box 15036
www.allegromicro.com
Allegro MicroSystems, Inc.
High Precision, Output Pin Programmable, Linear Hall Effect Sensors
A1373 and A1374
INITIAL STATE
After system power-up, the programming logic is reset to a
known state. This is referred to as the Initial state. All the regis-
ters that have intact fuses are set to logic 0.
While in the Initial state, any VPL pulses on the VOUT pin are
ignored.
To enter the Mode Selection state, send one VPH pulse on the
VOUT pin.
MODE SELECTION STATE
This state allows the selection of the programming mode:
• Try Value Mode. In this mode, the user provisionally downloads
settings to the device registers, without blowing the bits. The user
can increment through the codes of each parameter, and evaluate the
results of various code settings.
• Blow Fuse Mode. In this mode, after downloading the settings, the
user can blow the fuses in specific registers.
• Lock Device Mode. This mode is similar to Blow Fuse mode, except
that the fuse that is blown permanently prevents any further program-
ming of any bits in the device.
To select a mode, increment through the register bitfields by
sending VPL pulses on the VOUT pin, as follows:
0 pulses – No effect
1 pulse – Try Value mode
2 pulses – Blow Fuse mode
3 pulses – Lock Device mode
This register wraps by default. This means that sending addi-
tional VPL pulses traverses the register again.
Any VPH pulse sent before a VPL pulse has no effect.
To enter the Register Selection state, after sending a valid quan-
tity of VPL pulses, send one VPH pulse on the VOUT pin.
REGISTER SELECTION STATE
This state allows the selection of the register containing the
bitfields to be programmed. Selecting the register corresponds to
selecting the parameter to be set. For bit codes, see the section
Programming Logic.
• QVO [VOUT(Q)] Coarse. Register for setting the range of the operat-
ing dc point (2 bits)
• QVO Fine. Register for setting the value within the range set in the
QVO Coarse register (9 bits)
• Sens. [Sensivity] Coarse. Register for setting the overall gain of the
device (2 bits)
• Sens. Fine. Register for setting the value within the range set in the
Sens. Coarse register (8 bits)
• [Sensitivity] TC Register. Register for setting the temperature coef-
ficient for the device (5 bits).
• Clamp [VOUTCLP] Bit. Register for setting the clamping voltage of
the output (2 bits)
• Polarity Bit. Register setting the polarity of the output (1 bit)
To select a register, increment through the register bitfields by
sending VPL pulses on the VOUT pin. Note that the program-
ming of registers should follow the order shown in item 7 in the
section Programming Guidelines, not the bitfield selection order
shown here. The bitfield selection order is:
0 pulses – QVO Coarse register
1 pulse – QVO Fine register
2 pulses – Sens. Coarse register
3 pulses – Sense Fine register
4 pulses – TC Register register
5 pulses – Clamp Bit register
6 pulses – Polarity Bit register
This register wraps by default.
To enter the Register Selection state, send one VPH pulse on the
VOUT pin.
BITFIELD SELECTION STATE (Write Mode)
This state allows the selection of the individual bitfields to be
programmed, in the register selected in the Register Selection
state.
In Try Value mode, the total value of the bitfields selected incre-
ments by 1 with each VPL pulse on the VOUT pin. The param-
eter being programmed changes with each additional pulse, so
measurements can be taken after each pulse to determine if the
desired result has been acquired.
In Blow Fuses mode, each bitfield to be blown must be selected
individually.
For bit codes and wrapping for these registers, see the section
Programming Logic.
To leave this state, send one VPH pulse on the VOUT pin. If the
current mode is Try Value, the bitfields remain set and the device
reverts to the Mode Selection state. If the current mode is Blow
Fuse, the selected bitfield fuse is blown, and the device reverts to
the Mode Selection state.
Programming Protocol and State Machine Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com