Electronic Components Datasheet Search
  English  ▼

X  

A1373LKB Datasheet(PDF) 22 Page - Allegro MicroSystems

Part # A1373LKB
Description  HIgh Precision, Output Pin Programmable Linear Hall Effect Sensors
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A1373LKB Datasheet(HTML) 22 Page - Allegro MicroSystems

Back Button A1373LKB Datasheet HTML 15Page - Allegro MicroSystems A1373LKB Datasheet HTML 16Page - Allegro MicroSystems A1373LKB Datasheet HTML 17Page - Allegro MicroSystems A1373LKB Datasheet HTML 18Page - Allegro MicroSystems A1373LKB Datasheet HTML 19Page - Allegro MicroSystems A1373LKB Datasheet HTML 20Page - Allegro MicroSystems A1373LKB Datasheet HTML 21Page - Allegro MicroSystems A1373LKB Datasheet HTML 22Page - Allegro MicroSystems A1373LKB Datasheet HTML 23Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 22 / 23 page
background image
22
A1373-DS, Rev. 3
Worcester, Massachusetts 01615-0036 (508) 853-5000
115 Northeast Cutoff, Box 15036
www.allegromicro.com
Allegro MicroSystems, Inc.
High Precision, Output Pin Programmable, Linear Hall Effect Sensors
A1373 and A1374
Package KB, 3-Pin SIP
.208
.203
5.28
5.16
.063
.059
1.60
1.50
3.51
3.38
.138
.133
.600
.560
15.24
14.22
.023
.018
0.58
0.46
.0173
.0138
0.44
0.35
.085
MAX
2.16
.020
REF
0.51
.075
NOM
1.91
.033
REF
0.84
45°
BSC
45°
BSC
23
1
A
B
C
D Hall element (not to scale)
D
.0520
NOM
1.32
.1025
NOM
2.60
A
B
Dambar removal protrusion (6X)
Active Area Depth .0165 [0.42] NOM
C
Ejector mark on opposite side
Dimensions in inches
Millimeters in brackets, for reference only
Dimensions exclusive of mold flash, gate burrs, or dambar protrusions
Exact case and lead configuration at supplier discretion within limits shown



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com