Electronic Components Datasheet Search
  English  ▼

X  

VL53L3CX Datasheet(PDF) 6 Page - STMicroelectronics

Part # VL53L3CX
Description  Time-of-Flight ranging sensor with multi target detection
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VL53L3CX Datasheet(HTML) 6 Page - STMicroelectronics

Back Button VL53L3CX Datasheet HTML 2Page - STMicroelectronics VL53L3CX Datasheet HTML 3Page - STMicroelectronics VL53L3CX Datasheet HTML 4Page - STMicroelectronics VL53L3CX Datasheet HTML 5Page - STMicroelectronics VL53L3CX Datasheet HTML 6Page - STMicroelectronics VL53L3CX Datasheet HTML 7Page - STMicroelectronics VL53L3CX Datasheet HTML 8Page - STMicroelectronics VL53L3CX Datasheet HTML 9Page - STMicroelectronics VL53L3CX Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 35 page
background image
2
Functional description
2.1
System functional description
The figure below shows the system level functional description. The host customer application controls the device
using an API (application programming interface). The API implementation is delivered to the customer as a driver
(Bare C code, or Linux driver).
The driver shares with the customer application a set of high level functions that allow control of the device
Firmware (FW) like initialization, ranging start/stop, setting the system accuracy.
The driver is a turnkey solution consisting of a set of “C” functions that enable fast development of end user
applications without the complication of direct multiple register access. The driver is structured in a way that it can
be compiled on any kind of platform through a well abstracted platform layer. The driver package allows the user
to take full advantage of the device capabilities.
A detailed description of the driver is available in the device driver user manual.
The device FW fully manages the hardware (HW) register accesses.
Section 2.2 State machine description details the Firmware state machine.
Figure 4. VL53L3CX system functional description
HOST
Customer
Application
VL53L3CX
API/Driver
VL53L3CX
I2C
Firmware
Hardware
VL53L3CX
Functional description
DS13204 - Rev 2
page 6/35



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com