Electronic Components Datasheet Search
  English  ▼

X  

VL53L3CX Datasheet(PDF) 24 Page - STMicroelectronics

Part # VL53L3CX
Description  Time-of-Flight ranging sensor with multi target detection
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VL53L3CX Datasheet(HTML) 24 Page - STMicroelectronics

Back Button VL53L3CX Datasheet HTML 20Page - STMicroelectronics VL53L3CX Datasheet HTML 21Page - STMicroelectronics VL53L3CX Datasheet HTML 22Page - STMicroelectronics VL53L3CX Datasheet HTML 23Page - STMicroelectronics VL53L3CX Datasheet HTML 24Page - STMicroelectronics VL53L3CX Datasheet HTML 25Page - STMicroelectronics VL53L3CX Datasheet HTML 26Page - STMicroelectronics VL53L3CX Datasheet HTML 27Page - STMicroelectronics VL53L3CX Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 35 page
background image
7
Laser safety considerations
The device contains a laser emitter and corresponding drive circuitry. The laser output is designed to remain
within Class 1 laser safety limits under all reasonably foreseeable conditions including single faults in compliance
with IEC 60825-1:2014 (third edition).
The laser output remains within Class 1 limits as long as STMicroelectronic’s recommended device settings are
used and the operating conditions specified are respected (particularly the maximum timing budget, as described
in the product user manual).
The laser output power must not be increased by any means and no optics should be used with the intention of
focusing the laser beam.
Caution:
Use of controls or adjustments or performance of procedures other than those specified herein may result in
hazardous radiation exposure.
Figure 20. Class 1 laser product label
VL53L3CX
Laser safety considerations
DS13204 - Rev 2
page 24/35



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com