Electronic Components Datasheet Search
  English  ▼

X  

VL53L3CX Datasheet(PDF) 25 Page - STMicroelectronics

Part # VL53L3CX
Description  Time-of-Flight ranging sensor with multi target detection
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VL53L3CX Datasheet(HTML) 25 Page - STMicroelectronics

Back Button VL53L3CX Datasheet HTML 21Page - STMicroelectronics VL53L3CX Datasheet HTML 22Page - STMicroelectronics VL53L3CX Datasheet HTML 23Page - STMicroelectronics VL53L3CX Datasheet HTML 24Page - STMicroelectronics VL53L3CX Datasheet HTML 25Page - STMicroelectronics VL53L3CX Datasheet HTML 26Page - STMicroelectronics VL53L3CX Datasheet HTML 27Page - STMicroelectronics VL53L3CX Datasheet HTML 28Page - STMicroelectronics VL53L3CX Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 35 page
background image
8
Packaging and labeling
8.1
Product marking
A two-line product marking is applied on the backside of the module (i.e. on the substrate). The first line is the
silicon product code, and the second line, the internal tracking code (see figure below).
Figure 21. Example of prototype marking
8.2
Inner box labeling
The labeling follows the ST standard packing acceptance specification.
The following information is written on the inner box label:
•
Assembly site
•
Sales type
•
Quantity
•
Trace code
•
Marking
•
Bulk ID number
8.3
Packing
At customer/subcontractor level, it is recommended to mount the device in a clean environment to avoid foreign
material deposition.
To help avoid any foreign material contamination at phone assembly level the modules will be shipped in a tape
and reel format, starting from production version (cut1.1). The tape is described in the Figure 22. Tape outline
drawing.
The packaging will be vacuum-sealed and include a desiccant.
VL53L3CX
Packaging and labeling
DS13204 - Rev 2
page 25/35



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com