Electronic Components Datasheet Search
  English  ▼

X  

VL53L3CX Datasheet(PDF) 2 Page - STMicroelectronics

Part # VL53L3CX
Description  Time-of-Flight ranging sensor with multi target detection
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VL53L3CX Datasheet(HTML) 2 Page - STMicroelectronics

  VL53L3CX Datasheet HTML 1Page - STMicroelectronics VL53L3CX Datasheet HTML 2Page - STMicroelectronics VL53L3CX Datasheet HTML 3Page - STMicroelectronics VL53L3CX Datasheet HTML 4Page - STMicroelectronics VL53L3CX Datasheet HTML 5Page - STMicroelectronics VL53L3CX Datasheet HTML 6Page - STMicroelectronics VL53L3CX Datasheet HTML 7Page - STMicroelectronics VL53L3CX Datasheet HTML 8Page - STMicroelectronics VL53L3CX Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 35 page
background image
Description
The VL53L3CX is the latest Time-of-Flight (ToF) product from STMicroelectronics
and embeds ST’s third generation FlightSense patented technology. It combines a
high performance proximity and ranging sensor, with multi target distance
measurements and automatic smudge correction. The miniature reflowable package
integrates a single photon avalanche diode (SPAD) array and physical infrared filters
to achieve the best ranging performance in various ambient lighting conditions, with a
wide range of cover glass windows.
The VL53L3CX combines the benefits of a high-performance proximity sensor, with
excellent short distance linearity, together with ranging capability up to 3 m.
With patented algorithms and ingenious module construction, the VL53L3CX is also
able to detect different objects within the field of view (FoV) with depth
understanding. The ST histogram algorithms allow cover glass crosstalk immunity
beyond 80 cm, and dynamic smudge compensation.
VL53L3CX
DS13204 - Rev 2
page 2/35



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com