Electronic Components Datasheet Search
  English  ▼

X  

VL53L3CX Datasheet(PDF) 7 Page - STMicroelectronics

Part # VL53L3CX
Description  Time-of-Flight ranging sensor with multi target detection
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VL53L3CX Datasheet(HTML) 7 Page - STMicroelectronics

Back Button VL53L3CX Datasheet HTML 3Page - STMicroelectronics VL53L3CX Datasheet HTML 4Page - STMicroelectronics VL53L3CX Datasheet HTML 5Page - STMicroelectronics VL53L3CX Datasheet HTML 6Page - STMicroelectronics VL53L3CX Datasheet HTML 7Page - STMicroelectronics VL53L3CX Datasheet HTML 8Page - STMicroelectronics VL53L3CX Datasheet HTML 9Page - STMicroelectronics VL53L3CX Datasheet HTML 10Page - STMicroelectronics VL53L3CX Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 35 page
background image
2.2
State machine description
The figure below shows the device state machine.
Figure 5. Device state machine
Power Off
Host removes AVDD
Host applies AVDD
HW Standby
Host lowers XSHUT
Host raises XSHUT
SW Standby
Host clears interrupt
Next range starts
automatically after Host
has cleared the interrupt
Host initiates STOP
Automatic move
Continuous
Ranging
Initial Boot
Self-Calibration
Host initiates START
Automatic move
2.3
Customer manufacturing calibration flow
Up to three calibrations are needed to guarantee the best sensor performances. Offset and RefSpad calibration
are needed in all applications. If a cover glass is used, the crosstalk calibration is needed also.
“Generic shape” crosstalk calibration is also available. In this case, part-to-part calibration is not needed and a
standard set of calibration values is loaded.
The detailed procedure is provided in the device driver user manual.
2.4
Device programming and control
The VL53L3CX physical control interface is I2C, described in Section 3 Control interface.
A software layer (driver) is provided to control the device. This avoids complex I2C register operations with
turnkey functions to start, stop and read the ranging values.
The driver structure and functions are described in the device driver user manual.
VL53L3CX
State machine description
DS13204 - Rev 2
page 7/35



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com