Electronic Components Datasheet Search
  English  ▼

X  

PRH601 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # PRH601
Description  Multi-frequency integrated reader solution
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PRH601 Datasheet(HTML) 3 Page - NXP Semiconductors

  PRH601 Datasheet HTML 1Page - NXP Semiconductors PRH601 Datasheet HTML 2Page - NXP Semiconductors PRH601 Datasheet HTML 3Page - NXP Semiconductors PRH601 Datasheet HTML 4Page - NXP Semiconductors PRH601 Datasheet HTML 5Page - NXP Semiconductors PRH601 Datasheet HTML 6Page - NXP Semiconductors PRH601 Datasheet HTML 7Page - NXP Semiconductors PRH601 Datasheet HTML 8Page - NXP Semiconductors PRH601 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
PRH601
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2016. All rights reserved.
Product data sheet
COMPANY PUBLIC
Rev. 3.3 — 10 March 2016
219233
3 of 15
NXP Semiconductors
PRH601
Multi-frequency integrated reader solution
2.3 LPC1227
The LPC1227 are ARM Cortex-M0 based microcontrollers for embedded applications
featuring a high level of integration and low power consumption. The ARM Cortex-M0 is a
next generation core that offers system enhancements such as enhanced debug features
and a higher level of support block integration. In addition to the ARM Cortex-M0, the
LPC1X features an event handler API to limit the interrupt load of the ARM Cortex-M0
CPU and to allow for additional power-savings by off-loading event handling from the
main CPU.
The LPC1227 operates at CPU frequencies of up to 33 MHz and include up to 128 kB of
flash memory and 8 kB of data memory.
Not all connections of the LPC1227 product are implemented by the PRH600.
3.
Features and benefits
The PRH601 is integrating multiple functions in a single small formfactor package.
Reduced PCB size for development of systems with small physical dimensions
Multi frequence reader support available in single package
Integrated microcontroller allows implementation of customer firmware
4.
Applications
Small formfactor access systems
Industrial devices with high RF performance requirements
Multi frequency applications with 125 kHz and 13.56 MHz support
5.
Quick reference data
[1]
Refer to the specification of integrated products for quick reference data details
6.
Ordering information
Table 1.
Quick reference data
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VDDL(PC1227)
supply voltage LPC1227
3.0
3.3
3.6
V
VDD(CLRC663)
supply voltage CLRC663
3.0
5.0
5.5
V
VDD(HTCRC110)
supply voltage HRTC110
4.5
5.0
5.5
V
Tamb
ambient temperature
25
+25
+70
C
Table 2.
Ordering information
Type number
Package
Name
Description
Version
PRH601HL/C1
LQFP100
plastic low profile quad flat package; 100 leads; body 14 x 14 x 1.4 mm
SOT407-1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com