Electronic Components Datasheet Search
  English  ▼

X  

PRH601 Datasheet(PDF) 1 Page - NXP Semiconductors

Part # PRH601
Description  Multi-frequency integrated reader solution
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PRH601 Datasheet(HTML) 1 Page - NXP Semiconductors

  PRH601 Datasheet HTML 1Page - NXP Semiconductors PRH601 Datasheet HTML 2Page - NXP Semiconductors PRH601 Datasheet HTML 3Page - NXP Semiconductors PRH601 Datasheet HTML 4Page - NXP Semiconductors PRH601 Datasheet HTML 5Page - NXP Semiconductors PRH601 Datasheet HTML 6Page - NXP Semiconductors PRH601 Datasheet HTML 7Page - NXP Semiconductors PRH601 Datasheet HTML 8Page - NXP Semiconductors PRH601 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
1.
Introduction
The PRH601 is an integrated RF Identification reader module for contactless
communication at 13.56 MHz and 125 kHz. It implements an additional 32-bit ARM
CortexM0 microcontroller core.
The package contains three dies:
1. LPC1227FBD48/301
2. HTRC11001T/02EE
3. CLRC66301HN1
Not all pins of the LPC1227 specified in the data sheet are available at the reader module.
Please refer to Section 9 “Pinning information”.
The device does not implement any interconnection inside the package. This enables
access to all signals during system development. The device can be replaced by a
integrated reader module PRH601 if no 125 kHz functionality is required. A re-design of
the PCB is not required in this case.
2.
General description
2.1 HTRC110
The HITAG Reader Chip HTRC110 is intended for use with transponders, which are
based on the HITAG silicon (HT1ICS3002x or HT2ICS2002x). In addition the IC supports
other 125 kHz transponder types using amplitude modulation for the write operation and
AM/PM for the read operation. The receiver parameters (gain factors, filter cutoff
frequencies) can be optimized to system and transponder requirements.
The HTRC110 is designed for easy integration into RF-identification readers.
State-of-the-art technology allows almost complete integration of the necessary building
blocks. A powerful antenna driver/modulator together with a low-noise adaptive sampling
time demodulator, programmable filters/amplifier and digitizer build the complete
transceiver unit, required to design high-performance readers. A three-pin microcontroller
interface is employed for programming the HTRC110 as well as for the bidirectional
communication with the transponders. The three-wire interface can be changed into a
two-wire interface by connecting the data input and the data output. Tolerance dependent
zero amplitude modulation caused severe problems in envelope detector systems,
resulting in the need of very low tolerance reader antennas. These problems are solved
by the new Adaptive Sampling Time technique (AST).
PRH601
Multi-frequency integrated reader solution
Rev. 3.3 — 10 March 2016
219233
Product data sheet
COMPANY PUBLIC


Similar Part No. - PRH601

ManufacturerPart #DatasheetDescription
logo
Heyco.
PRH HEYCO-PRH Datasheet
105Kb / 1P
Countersunk Type H Rivets
logo
LEMO Connectors
PRH.N0.3GL.AC65GZ LEMO-PRH.N0.3GL.AC65GZ Datasheet
39Kb / 1P
PRH.N0.3GL.AC65GZ
logo
Nihon Inter Electronics...
PRHMB100A6 NIEC-PRHMB100A6 Datasheet
112Kb / 3P
IGBT MODULE Chopper 100A 600V
PRHMB100A6 NIEC-PRHMB100A6 Datasheet
115Kb / 3P
100A 600V
PRHMB100A6A NIEC-PRHMB100A6A Datasheet
112Kb / 3P
IGBT MODULE Chopper 100A 600V
More results

Similar Description - PRH601

ManufacturerPart #DatasheetDescription
logo
Winbond
W83L518D WINBOND-W83L518D Datasheet
222Kb / 26P
Integrated Media Reader
W83L519D WINBOND-W83L519D Datasheet
153Kb / 22P
Integrated Media Reader
W83L518D WINBOND-W83L518D_05 Datasheet
316Kb / 25P
Integrated Media Reader
logo
Micrel Semiconductor
KS8695P MICREL-KS8695P_11 Datasheet
816Kb / 42P
Integrated Multi-Port PCI Gateway Solution
KSZ8695PX MICREL-KSZ8695PX Datasheet
1Mb / 40P
Integrated Multi-Port PCI Gateway Solution
logo
Advantech Co., Ltd.
968SPUSTL0 ADVANTECH-968SPUSTL0 Datasheet
1,015Kb / 2P
Multi-solution integrated platform:
logo
NXP Semiconductors
CLRC632 NXP-CLRC632 Datasheet
713Kb / 127P
Standard multi-protocol reader solution
Rev. 3.7-27 February 2014
MFRC500 NXP-MFRC500 Datasheet
599Kb / 110P
The Original MIFARE reader solution
Rev. 3.4-11 February 2014
PR533 NXP-PR533 Datasheet
615Kb / 36P
USB NFC integrated reader solution
Rev. 3.6-27 October 2014
PR601 NXP-PR601 Datasheet
242Kb / 14P
High performance NFC integrated reader solution
Rev. 3.3-10 March 2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com