Electronic Components Datasheet Search
  English  ▼

X  

PRH601 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # PRH601
Description  Multi-frequency integrated reader solution
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PRH601 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button PRH601 Datasheet HTML 4Page - NXP Semiconductors PRH601 Datasheet HTML 5Page - NXP Semiconductors PRH601 Datasheet HTML 6Page - NXP Semiconductors PRH601 Datasheet HTML 7Page - NXP Semiconductors PRH601 Datasheet HTML 8Page - NXP Semiconductors PRH601 Datasheet HTML 9Page - NXP Semiconductors PRH601 Datasheet HTML 10Page - NXP Semiconductors PRH601 Datasheet HTML 11Page - NXP Semiconductors PRH601 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
PRH601
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2016. All rights reserved.
Product data sheet
COMPANY PUBLIC
Rev. 3.3 — 10 March 2016
219233
8 of 15
NXP Semiconductors
PRH601
Multi-frequency integrated reader solution
11. Limiting values
12. Characteristics
[1]
For a detailed information of the characteristics refer to the data sheets of the packaged products
Table 5.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
Ptot
total power dissipation
ambient temperature
25
C
-2.0
W
VESD
electrostatic discharge voltage
human body model; all
pins
1500
-
V
Table 6.
Characteristics [1]
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VDD(LPC)
supply voltage of LPC1227die
3.0
3.3
3.6
V
VDD(CLRC)
supply voltage of CLRC663 die
3.0
5.0
5.5
V
Tamb
ambient temperature
25
+25
+70
C
IDD(TVDD)
TVDD supply current
CLRC663 die transmitter
supply current
-
100
200
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com