Electronic Components Datasheet Search
  English  ▼

X  

PRH601 Datasheet(PDF) 10 Page - NXP Semiconductors

Part # PRH601
Description  Multi-frequency integrated reader solution
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PRH601 Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button PRH601 Datasheet HTML 6Page - NXP Semiconductors PRH601 Datasheet HTML 7Page - NXP Semiconductors PRH601 Datasheet HTML 8Page - NXP Semiconductors PRH601 Datasheet HTML 9Page - NXP Semiconductors PRH601 Datasheet HTML 10Page - NXP Semiconductors PRH601 Datasheet HTML 11Page - NXP Semiconductors PRH601 Datasheet HTML 12Page - NXP Semiconductors PRH601 Datasheet HTML 13Page - NXP Semiconductors PRH601 Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
PRH601
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2016. All rights reserved.
Product data sheet
COMPANY PUBLIC
Rev. 3.3 — 10 March 2016
219233
10 of 15
NXP Semiconductors
PRH601
Multi-frequency integrated reader solution
14. Handling information
Moisture Sensitivity Level (MSL) evaluation has been performed according to
SNW-FQ-225B rev.04/07/07 (JEDEC J-STD-020C). MSL for this package is level 2 which
means 260
C convection reflow temperature.
Dry pack is required.
1 year out-of-pack floor life at maximum ambient temperature 30
C/ 85 % RH.
15. Packing information
16. Abbreviations
Fig 3.
Packing information 1 tray
001aaj740
strap 46 mm from corner
tray
chamfer
PIN 1
chamfer
PIN 1
printed plano box
ESD warning preprinted
barcode label (permanent)
barcode label (peel-off)
QA seal
Hyatt patent preprinted
The straps around the package of
stacked trays inside the plano-box
have sufficient pre-tension to avoid
loosening of the trays.
In the traystack (2 trays)
only ONE tray type* allowed
*one supplier and one revision number.
Table 7.
Abbreviations
Acronym
Description
AST
Adaptive Sampling Time technique
EPC
Electronic Product Code
OTP
One Time Programmable
SPI
Serial Peripheral Interface
UID
Unique IDentification



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com