Electronic Components Datasheet Search
  English  ▼

X  

PRH601 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # PRH601
Description  Multi-frequency integrated reader solution
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PRH601 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button PRH601 Datasheet HTML 3Page - NXP Semiconductors PRH601 Datasheet HTML 4Page - NXP Semiconductors PRH601 Datasheet HTML 5Page - NXP Semiconductors PRH601 Datasheet HTML 6Page - NXP Semiconductors PRH601 Datasheet HTML 7Page - NXP Semiconductors PRH601 Datasheet HTML 8Page - NXP Semiconductors PRH601 Datasheet HTML 9Page - NXP Semiconductors PRH601 Datasheet HTML 10Page - NXP Semiconductors PRH601 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
PRH601
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2016. All rights reserved.
Product data sheet
COMPANY PUBLIC
Rev. 3.3 — 10 March 2016
219233
7 of 15
NXP Semiconductors
PRH601
Multi-frequency integrated reader solution
9.2 Pin description
For a description of the detailed pin functionality refer to the relevant product data sheet.
VSS and GND refer to the same signal and need all be connected.
10. Functional description
The functionality of this device is defined by the functionality of the three chips CLRC663,
HTRC110 and LPC1227. No internal connection of the devices had been implemented
except for the GND signal. All external available GND signals need to be connected. A
design making use of this device shall consider a sufficient low thermal resistance
between package and environment. All pins are recommended to be connected to defined
signal levels. A PCB design using the PRH600 shall make use of state of the art design
practices to ensure a sufficient heat dissipation. For a detailed functionality refer to the
latest product specifications of the CLRC663, HTRC110 and LPC1227.
79
PIO0_19
LPC1227
80
PIO0_20
LPC1227
81
PIO0_21
LPC1227
82
PIO0_22
LPC1227
83
PIO0_23
LPC1227
84
PIO0_24
LPC1227
85
PIO0_25
LPC1227
86
PIO0_26
LPC1227
87
PIO0_27
LPC1227
88
GND
all
89
PIO0_28
LPC1227
90
PIO0_29
LPC1227
91
PIO0_0
LPC1227
92
PIO0_1
LPC1227
93
PIO0_2
LPC1227
94
PIO0_3
LPC1227
95
PIO0_4
LPC1227
96
PIO0_5
LPC1227
97
PIO0_6
LPC1227
98
PIO0_7
LPC1227
99
PIO0_8
LPC1227
100
PIO0_9
LPC1227
Table 4.
Pin allocation table …continued
Pin
Symbol
Connection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com